| Zakładka z wyszukiwarką danych komponentów |
|
STM32F101ZC Arkusz danych(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F101ZC Arkusz danych(HTML) 53 Page - STMicroelectronics |
|
53 / 112 page ![]() STM32F101xC, STM32F101xD, STM32F101xE Electrical characteristics Doc ID 14610 Rev 8 53/112 Figure 19. Typical application with an 8 MHz crystal 1. REXT value depends on the crystal characteristics. Low-speed external clock generated from a crystal/ceramic resonator The low-speed external (LSE) clock can be supplied with a 32.768 kHz crystal/ceramic resonator oscillator. All the information given in this paragraph are based on characterization results obtained with typical external components specified in Table 24. In the application, the resonator and the load capacitors have to be placed as close as possible to the oscillator pins in order to minimize output distortion and startup stabilization time. Refer to the crystal resonator manufacturer for more details on the resonator characteristics (frequency, package, accuracy). ai14128b OSC_OU T OSC_IN fHSE CL1 RF STM32F10xxx 8 MH z resonator Resonator with integrated capacitors Bias controlled gain REXT(1) CL2 Table 24. LSE oscillator characteristics (fLSE = 32.768 kHz) (1) (2) Symbol Parameter Conditions Min Typ Max Unit RF Feedback resistor 5 M Ω C Recommended load capacitance versus equivalent serial resistance of the crystal (RS) RS = 30 KΩ 15 pF I2 LSE driving current VDD = 3.3 V VIN = VSS 1.4 µA gm Oscillator transconductance 5 µA/V tSU(LSE) (3) Startup time VDD is stabilized TA = 50 °C 1.5 s TA = 25 °C 2.5 TA = 10 °C 4 TA = 0 °C 6 TA = -10 °C 10 TA = -20 °C 17 TA = -30 °C 32 TA = -40 °C 60 1. Based on characterization, not tested in production. 2. Refer to the note and caution paragraphs below the table, and to the application note AN2867 “Oscillator design guide for ST microcontrollers”. 3. tSU(LSE) is the startup time measured from the moment it is enabled (by software) to a stabilized 32.768 kHz oscillation is reached. This value is measured for a standard crystal and it can vary significantly with the crystal manufacturer |