| Zakładka z wyszukiwarką danych komponentów |
|
RL3264-6-R002-FN Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
RL3264-6-R002-FN Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 6 page ![]() RP1005 RP1608 RP2012 1 (F), 2 (G), 5 (J) 0 +200 (S) 40 125 C 40 125 C 40 125 C E-24 P*R 0.1 47 1/ 6W 1/5W 1/ 3W 1 (F), 2 (G), 5 (J) 0 +200 (S) E-24 P*R P*R 0.1 68 RPH1608 1/4W 1 (F), 2 (G), 5 (J) 0 +350 (T) E-12 0.01 0.082 1 (F), 2 (G), 5 (J) 0 +200 (S) E-24 11 100 0 +350 (T) 0.1 10 NEW 10,000pcs/ reel 5,000pcs/ reel 5,000pcs/ reel 5,000pcs/ reel susumu group catalog RP 1608 S - 102 - F RP series, RPH series,high-power metal film chip resistors Resistors with high power in small size are realized as 1/3W for 2.0 1.25mm(0805) size, 1/5W for 1.6 0.8mm(0603) size and 1/6W for 1.0 0.5mm(0402 size). A tight resistance tolerance at 1% is achieved. SPECIFICATIONS Electrical Mechanical PART NUMBER • Please contact us for specific resistance to surge voltage. • Please contact us for 0.1 or lower(TCR 0 - +350ppm/ C) resistance value in RP1005,RP1608,RP2012. Resistance Part Code Dimensions Temperature Coefficient of Resistance Resistance Tolerance Type Power Package Max Operating Voltage for an element Resistance Value Operating Temp. Rating Tolerance %(code) Resistance Range ( ) ( unit : mm) TCR ppm / C(code) RPH1608 resistors with more high power are realized as 1/4W for 1.6 0.8mm(0603) size. NEW L W T A B Completely lead free RoHS compliant RP1005 (0402) L W A B T 0.15 0.10 0.35 0.15/ 0.10 0.25 0.10 0.35 0.10 RP2012 (0805) 2.0 0.2 1.25 0.2 0.4 0.2 0.4 0.2 0.4 0.1 RP1608 (0603) RPH1608 1.6 0.20 0.8 0.10 0.2 0.15 0.25 0.20 0.45 0.10 Dimension (Inch Size) 1.0 0.05 0.5 0.05 0.15 0.10 Single side structure Double sides structure R ≦0.16 |
Podobny numer części - RL3264-6-R002-FN |
|
Podobny opis - RL3264-6-R002-FN |