| Zakładka z wyszukiwarką danych komponentów |
|
ST62T00C6 Arkusz danych(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T00C6 Arkusz danych(HTML) 37 Page - STMicroelectronics |
|
37 / 100 page ![]() ST6200C ST6201C ST6203C Doc ID 4563 Rev 5 37/100 I/O PORTS (Cont’d) Figure 23. I/O Port Block Diagram Table 8. I/O Port Configurations Note: x = Don’t care DDR OR DR Mode Option 0 0 0 Input With pull-up, no interrupt 0 0 1 Input No pull-up, no interrupt 0 1 0 Input With pull-up and with interrupt 0 1 1 Input Analog input (when available) 1 0 x Output Open-drain output (20mA sink when available) 1 1 x Output Push-pull output (20mA sink when available) VDD RESET ST6 INTERNAL DATA DATA DIRECTION REGISTER REGISTER OPTION REGISTER TO INTERRUPT VDD TO ADC VDD N-BUFFER P-BUFFER PULL-UP CMOS SCHMITT TRIGGER Pxx I/O Pin BUS CLAMPING DIODES * * Depending on device. See device summary on page 1. 1 |