Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LS1240AD1 Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części LS1240AD1
Szczegółowy opis  Electronic two-tone ringer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LS1240AD1 Arkusz danych(HTML) 6 Page - STMicroelectronics

  LS1240AD1 Datasheet HTML 1Page - STMicroelectronics LS1240AD1 Datasheet HTML 2Page - STMicroelectronics LS1240AD1 Datasheet HTML 3Page - STMicroelectronics LS1240AD1 Datasheet HTML 4Page - STMicroelectronics LS1240AD1 Datasheet HTML 5Page - STMicroelectronics LS1240AD1 Datasheet HTML 6Page - STMicroelectronics LS1240AD1 Datasheet HTML 7Page - STMicroelectronics LS1240AD1 Datasheet HTML 8Page - STMicroelectronics LS1240AD1 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Package mechanical data
LS1240
6/9
Figure 5.
Minidip package mechanicla drawing
Table 4.
Minidip package dimensions
Dim.
mm
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
3.32
0.131
a1
0.51
0.020
B
1.15
1.65
0.045
0.065
b
0.356
0.55
0.014
0.022
b1
0.204
0.304
0.008
0.012
D
10.92
0.430
E
7.95
9.75
0.313
0.384
e
2.54
0.100
e3
7.62
0.300
e4
7.62
0.300
F6.6
0.260
I
5.08
0.200
L
3.18
3.81
0.125
0.150
Z
1.52
0.060



Html Pages

1 2 3 4 5 6 7 8 9