| Zakładka z wyszukiwarką danych komponentów |
|
ST6200CM-Auto Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6200CM-Auto Arkusz danych(HTML) 1 Page - STMicroelectronics |
|
1 / 96 page ![]() Rev. 1 September 2007 1/96 ST6200CM-Auto/ ST6201CM-Auto/ST6203CM-Auto 8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET ■ Memories – 1K or 2K bytes Program memory (OTP, EPROM, FASTROM or ROM) with read-out protection – 64 bytes RAM ■ Clock, Reset and Supply Management – Enhanced reset system – Low Voltage Detector (LVD) for Safe Reset – Clock sources: crystal/ceramic resonator or RC network, external clock, backup oscillator (LFAO) – Oscillator Safeguard (OSG) – 2 Power Saving Modes: Wait and Stop ■ Interrupt Management – 4 interrupt vectors plus NMI and RESET – 9 external interrupt lines (on 2 vectors) ■ 9 I/O Ports – 9 multifunctional bidirectional I/O lines – 4 alternate function lines – 3 high sink outputs (20mA) ■ 2 Timers – Configurable watchdog timer – 8-bit timer/counter with a 7-bit prescaler ■ Analog Peripheral – 8-bit ADC with 4 input channels (except on ST6203C) ■ Instruction Set – 8-bit data manipulation – 40 basic instructions – 9 addressing modes – Bit manipulation ■ Development Tools – Full hardware/software development package Device Summary (See Section 12.5 for Ordering Information) SO16 SSOP16 CDIP16W Features ST6200CM-Auto ST6201CM-Auto ST6203CM-Auto ST62E01C Program memory - bytes 1K (OTP/ROM/FASTROM) 2K (OTP/ROM/FASTROM) 1K (OTP/ROM/FASTROM) 2K (EPROM) RAM - bytes 64 Operating Supply 3.0V to 6V Analog Inputs 4 - 4 Clock Frequency 8MHz Max Operating Temperature -40°C to +125°C Packages SO16/SSOP16 CDIP16W 1 Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) |
Podobny numer części - ST6200CM-Auto |
|
Podobny opis - ST6200CM-Auto |