| Zakładka z wyszukiwarką danych komponentów |
|
ST6203CM-Auto Arkusz danych(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6203CM-Auto Arkusz danych(HTML) 17 Page - STMicroelectronics |
|
17 / 96 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) ST6200CM-Auto/ ST6201CM-Auto/ST6203CM-Auto 17/96 CPU REGISTERS (Cont’d) The 12-bit length allows the direct addressing of 4096 bytes in Program Space. However, if the program space contains more than 4096 bytes, the additional memory in program space can be addressed by using the Program ROM Page register. The PC value is incremented after reading the ad- dress of the current instruction. To execute relative jumps, the PC and the offset are shifted through the ALU, where they are added; the result is then shifted back into the PC. The program counter can be changed in the following ways: – JP (Jump) instruction PC = Jump address – CALL instruction PC = Call address – Relative Branch InstructionPC = PC +/- offset – Interrupt PC = Interrupt vector – Reset PC = Reset vector – RET & RETI instructions PC = Pop (stack) – Normal instruction PC = PC + 1 Flags (C, Z). The ST6 CPU includes three pairs of flags (Carry and Zero), each pair being associated with one of the three normal modes of operation: Normal mode, Interrupt mode and Non Maskable Interrupt mode. Each pair consists of a CARRY flag and a ZERO flag. One pair (CN, ZN) is used during Normal operation, another pair is used dur- ing Interrupt mode (CI, ZI), and a third pair is used in the Non Maskable Interrupt mode (CNMI, ZN- MI). The ST6 CPU uses the pair of flags associated with the current mode: as soon as an interrupt (or a Non Maskable Interrupt) is generated, the ST6 CPU uses the Interrupt flags (or the NMI flags) in- stead of the Normal flags. When the RETI instruc- tion is executed, the previously used set of flags is restored. It should be noted that each flag set can only be addressed in its own context (Non Maska- ble Interrupt, Normal Interrupt or Main routine). The flags are not cleared during context switching and thus retain their status. C : Carry flag. This bit is set when a carry or a borrow occurs dur- ing arithmetic operations; otherwise it is cleared. The Carry flag is also set to the value of the bit tested in a bit test instruction; it also participates in the rotate left instruction. 0: No carry has occured 1: A carry has occured Z : Zero flag This flag is set if the result of the last arithmetic or logical operation was equal to zero; otherwise it is cleared. 0: The result of the last operation is different from zero 1: The result of the last operation is zero Switching between the three sets of flags is per- formed automatically when an NMI, an interrupt or a RETI instruction occurs. As NMI mode is auto- matically selected after the reset of the MCU, the ST6 core uses the NMI flags first. Stack. The ST6 CPU includes a true LIFO (Last In First Out) hardware stack which eliminates the need for a stack pointer. The stack consists of six separate 12-bit RAM locations that do not belong to the data space RAM area. When a subroutine call (or interrupt request) occurs, the contents of each level are shifted into the next level down, while the content of the PC is shifted into the first level (the original contents of the sixth stack level are lost). When a subroutine or interrupt return oc- curs (RET or RETI instructions), the first level reg- ister is shifted back into the PC and the value of each level is popped back into the previous level. Figure 8. Stack manipulation Since the accumulator, in common with all other data space registers, is not stored in this stack, management of these registers should be per- formed within the subroutine. Caution: The stack will remain in its “deepest” po- sition if more than 6 nested calls or interrupts are executed, and consequently the last return ad- dress will be lost. It will also remain in its highest position if the stack is empty and a RET or RETI is executed. In this case the next instruction will be executed. LEVEL 1 LEVEL 2 LEVEL 3 LEVEL 4 LEVEL 5 LEVEL 6 ON INTERRUPT, OR SUBROUTINE CALL ON RETURN FROM INTERRUPT, OR SUBROUTINE PROGRAM COUNTER 1 |