| Zakładka z wyszukiwarką danych komponentów |
|
ST10F273M Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F273M Arkusz danych(HTML) 2 Page - STMicroelectronics |
|
2 / 4 page ![]() 16-bit microcontroller for automotive applications The ST10 family, STMicroelectronics’ industry-standard 16-bit microcontrollers, provide pin-compatible alternatives with enhanced scalable Flash memory. Since its introduction, ST has sold more than 100 million devices. With the DSP-MAC, STMicroelectronics leverages this success, adding cutting-edge DSP potential to its ST10 advanced 16-bit MCU. Building on ST’s experience in embedded cores, the ST10 architecture is based on an analysis of the true requirements of system designers and software engineers in some of the fastest-moving segments of the industry, where high-performance, real-time capabilities and low-power consumption are essential to enable innovative and competitive solutions. Key benefits I Future-proof microcontrollers that easily adapt to customer requirements I Dramatically reduces development time and increases ease-of-use I Reduces system cost with all peripherals in a single chip I Native supply of automotive applications. No 3.3V conversion needed I Suitable for long-life equipment I Optimizes your developments: the same device with different options will fit your entire product range I Increases validity for high temperature applications Key features I High-performance industry standard ST10 core with DSP unit I Extensive software and tools I Large choice of peripherals and interfaces, same peripheral set across the ST10F27x family I Single 5V power supply I High-quality embedded Flash (data retention 20 years at 55°C) I Tightly coupled DMA: real-time CPU core I Rich package options I Operating temperature range: -40 to 125°C I Fully automotive qualified 100-pin TQFP 128K 256K 512K 768K 832K 144-pin T(P)QFP Package 208-pin BGA ST10F252 256K Flash/20K RAM Technology M8, 180nm EmbFlash ST10F251 128K Flash/12K RAM ST10F276 832K Flash/68K RAM ST10F275 768K Flash/36K RAM ST10F273 512K Flash/36K RAM ST10F272 256K Flash/20K RAM ST10F271 128K Flash/12K RAM ST10F296 832K Flash/68K RAM ST10 0.18µm family features I ST10 with DSP unit I 5th generation embedded Flash I Uniform peripheral set I CAN module compliant to OEMs I Variety of packages I Broad frequency range ST10F2xx family characteristics I 64MHz ST10 CPU with DSP functions I 5V single supply, on-chip regulator I Up to 832KB Flash I QFP100, 144/BGA208 I -40 to 125°C temperature range |