| Zakładka z wyszukiwarką danych komponentów |
|
A43L0616AV Arkusz danych(PDF) 27 Page - AMIC Technology |
|
|
|||||||||||||||||||||||||||||
A43L0616AV Arkusz danych(HTML) 27 Page - AMIC Technology |
|
27 / 45 page ![]() A43L0616A (May, 2001, Version 1.0) 26 AMIC Technology, Inc. Page Read & Write Cycle at Same Bank @Burst Length=4 tRDL High tRCD 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 CLOCK CKE CS RAS CAS ADDR BA WE DQM DQ (CL=2) Row Active (A-Bank) Read (A-Bank) Precharge (A-Bank) : Don't care *Note 2 Ra Ca0 Cb0 Cc0 Ra A10/AP Qa0 Qa1 Qb0 Qb1 Dc0 Dc1 Dd0 Dd1 Qa0 Qa1 Qb0 Write (A-Bank) Cd0 tCDL *Note 2 *Note1 *Note3 Dc0 Dc1 Dd0 Dd1 Read (A-Bank) Write (A-Bank) DQ (CL=3) *Note : 1. To write data before burst read ends, DQM should be asserted three cycle prior to write command to avoid bus contention. 2. Row precharge will interrupt writing. Last data input, tRDL before Row precharge, will be written. 3. DQM should mask invalid input data on precharge command cycle when asserting precharge before end of burst. Input data after Row precharge cycle will be masked internally. |