Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM8L152M8 Arkusz danych(PDF) 64 Page - STMicroelectronics

Numer części STM8L152M8
Szczegółowy opis  8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152M8 Arkusz danych(HTML) 64 Page - STMicroelectronics

Back Button STM8L152M8 Datasheet HTML 60Page - STMicroelectronics STM8L152M8 Datasheet HTML 61Page - STMicroelectronics STM8L152M8 Datasheet HTML 62Page - STMicroelectronics STM8L152M8 Datasheet HTML 63Page - STMicroelectronics STM8L152M8 Datasheet HTML 64Page - STMicroelectronics STM8L152M8 Datasheet HTML 65Page - STMicroelectronics STM8L152M8 Datasheet HTML 66Page - STMicroelectronics STM8L152M8 Datasheet HTML 67Page - STMicroelectronics STM8L152M8 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 134 page
background image
Option bytes
STM8L15xx8, STM8L15xR6
64/134
DocID17943 Rev 6
OPT5
BOR_ON:
0: Brownout reset off
1: Brownout reset on
BOR_TH[3:1]: Brownout reset thresholds. Refer to Table 20 for details on the thresholds
according to the value of BOR_TH bits.
OPTBL
OPTBL[15:0]:
This option is checked by the boot ROM code after reset. Depending on the content of
addresses 00 480B, 00 480C and 0x8000 (reset vector) the CPU jumps to the
bootloader or to the reset vector.
Refer to the UM0560 bootloader user manual for more details.
Table 13. Option byte description (continued)
Option
byte no.
Option description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More