| Zakładka z wyszukiwarką danych komponentów |
|
EMS22D31-R16-LS2 Arkusz danych(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
EMS22D31-R16-LS2 Arkusz danych(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 5 page ![]() 9.53 (.375) 22.23 ± .78 (.875 ± .031) 13.89 ± .38 (.547 ± .015) 15.88 ± .25 (.625 ± .010) 1.57 ± 0.12 (.062 ± .005) .51 ± .03 (.020 ± .001) 2.01 (.079) 5 PLCS. 6 PLCS. 6 PLCS. 4.00 (.157) 2.79 (.110) .51 ± .03 (.020 ± .001) DIA. 10.29 ± 0.12 (.405 ± .005) DIA. 21.21 ± .25 (.835 ± .010) AR LUG 1.18 ± 0.12 (.047 ± .005) R 0.66 ± 0.12 (.026 ± .005) HIGH (FMS) X 3.17 +.00/-.01 (.1247 +.0000/-.0003) 7.94 ± .012 (.313 ± .005) 7.95 ± .012 (.313 ± .005) PANEL LAYOUT 3.18 ± 0.12 (.125 ± .005) DIA. 10.67 ± 0.12 (.420 ± .005) DIA. 9.53 (.375) 22.23 ± .78 (.875 ± .031) 1.57 ± 0.12 (.062 ± .005) 13.89 ± .38 (.547 ± .015) 4.00 (.157) 10.29 (.405) DIA. DIA. 6.34 (0.249) 15.88 ± .25 (.625 ± .010) .51 ± .03 (.020 ± .001) 2.01 (.079) 5 PLCS. 6 PLCS. 6 PLCS. 2.79 (.110) .51 ± .03 (.020 ± .001) 21.21 ± .25 (.835 ± .010) R X AR LUG 1.18 ± 0.12 (.047 ± .005) 0.66 ± 0.12 (.026 ± .005) HIGH (FMS) 7.95 ± 0.12 (.313 ± .005) 7.94 ± 0.12 (.313 ± .005) 3.18 ± 0.12 (.125 ± .005) DIA. PANEL LAYOUT 10.67 ± 0.12 (.420 ± .005) DIA. EMS22D - Non-Contacting Direction/Step Encoder Product Dimensions DIMENSIONS: MM (INCHES) Consult factory for options not shown, including: • Wire lead or cable options • Special shaft/bushing sizes and features • Connectors • Special performance characteristics • Non-standard resolutions • PCB mounting bracket Shaft Style D (Bushing T) Shaft Style B (Bushing S) Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. |