| Zakładka z wyszukiwarką danych komponentów |
|
LS7272 Arkusz danych(PDF) 4 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
LS7272 Arkusz danych(HTML) 4 Page - LSI Computer Systems |
|
4 / 6 page ![]() 7272-112912-4 ABSOLUTE MAXIMUM RATINGS Parameter Symbol Value Unit DC Supply Voltage VDD 36 V Data Output Voltage VOUT VDD + 0.3 V (LS7272) Data Output Voltage VOUT 4.5 to 36 V (LS7273) Drive Output Current IOUT 1500 / 120 mA (pulse peak) / average Data Input Voltage VIND VDD + 0.3 V ENA Input Voltage VINE 18 V OPD Input Voltage VINO 5 V (LS7272) LOW Input Voltage VINL 5 V (LS7273) Operating Temperature TA -55 to +125 °C Storage Temperature TSTG -65 to +150 °C RECOMMENDED OPERATING CONDITIONS Parameter Symbol Value Unit DC Supply Voltage VDD 4.5 to 30 V Data Input Voltage VIND 0 to VDD V ENA Input Voltage VINE 0 to 5.5 V Data Output Voltage VOUT 0 to VDD V Data Output Voltage VOUT 4.5 to 30 V (LS7273) Data Output Current IOUT 100 mA Operating Temperature TOP -40 to +125 °C OPD VINO 0 to float V (LS7272) LOW VINL 0 V (LS7273) |