| Zakładka z wyszukiwarką danych komponentów |
|
L7C109KAMB45 Arkusz danych(PDF) 3 Page - LOGIC Devices Incorporated |
|
|
|||||||||||||||||||||||||||||
L7C109KAMB45 Arkusz danych(HTML) 3 Page - LOGIC Devices Incorporated |
|
3 / 15 page ![]() LOGIC Devices Incorporated www.logicdevices.com 3 Feb 17, 2012 LDS-L7C108/9-G 1M Static RAMs 128K x 8 Static RAM L7C108 L7C109 Supply Voltage 4.5 V VCC 5.5 V 2.0 V VCC 5.5 V Mode Active, Operation, Military Data Retention, Military OPERATING CONDITIONS To meet specified electrical and switching characteristics Temperature Range (Ambient) -55°C to +125°C -55°C to +125°C MAXIMUM RATINGS Above which useful life may be impaired (Notes 1, 2) Storage temperature…………………………………………...….……............…… Operating ambient temperature………………………………………......….......… Vcc supply voltage with respect to ground…………….…………………….......…. Input signal with respect to ground.………………………….………………..…..… Signal applied to high impedance output……………………………………........… Output current into low outputs………………………………………….…......................…… Latchup current….........................……………..…………………………...……................ -65°C to +150°C -55°C to +125°C -0.5 V to +7.0 V -3.0 V to +7.0 V -3.0 V to +7.0 V 25 mA >200 mA L7C108/109 L7C108/109-L Symbol Parameter Test Condition Min Max Min Max Unit VOH VOL VIH VIL IIx IOZ ICC2 ICC3 ICC4 CIN COUT Output High Voltage Output Low Voltage Input High Voltage Input Low Voltage Input Leakage Current Output Leakage Current VCC Current, TTL Standby VCC Current, CMOS Standby VCC Current, Data Retention Input Capacitance Output Capacitance VCC = 4.5V, IOH = -4 mA IOL = 8 mA GND < VIN < VCC VCC = Ambient Temp = 25°C, VCC = 5 V 2.4 2.2 -0.5 -10 -10 0.4 Vcc +0.5 0.8 +10 +10 25 10 - 8 8 ELECTRICAL CHARACTERISTICS Over Operating Conditions (Note 5) 2.4 2.2 -3.0 -10 -10 0.4 Vcc +0.3 0.8 +10 +10 25 5 0.75 8 8 V V V V μA μA mA mA mA pF pF Symbol Parameter Test Condition L7C108/109-L ICC1 VCC Current, Active mA L7C108/109 15 140 20 140 25 140 35 135 45 125 15 140 20 140 25 140 35 130 45 125 Unit |