| Zakładka z wyszukiwarką danych komponentów |
|
STM32F205VG Arkusz danych(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F205VG Arkusz danych(HTML) 52 Page - STMicroelectronics |
|
52 / 178 page ![]() Pinouts and pin description STM32F20xxx 52/178 DocID15818 Rev 11 - - - - 130 D13 PH15 I/O FT TIM8_CH3N, DCMI_D11, EVENTOUT -- - - 131 E14 PI0 I/O FT TIM5_CH4, SPI2_NSS, I2S2_WS, DCMI_D13, EVENTOUT -- - - 132 D14 PI1 I/O FT SPI2_SCK, I2S2_SCK, DCMI_D8, EVENTOUT -- - - 133 C14 PI2 I/O FT TIM8_CH4 ,SPI2_MISO, DCMI_D9, EVENTOUT -- - - 134 C13 PI3 I/O FT TIM8_ETR, SPI2_MOSI, I2S2_SD, DCMI_D10, EVENTOUT -- - - 135 D9 VSS S -- - - 136 C9 VDD S 49 A1 76 109 137 A14 PA14 (JTCK-SWCLK) I/O FT JTCK-SWCLK, EVENTOUT 50 A2 77 110 138 A13 PA15 (JTDI) I/O FT JTDI, SPI3_NSS, I2S3_WS,TIM2_CH1_ETR, SPI1_NSS, EVENTOUT 51 B3 78 111 139 B14 PC10 I/O FT SPI3_SCK, I2S3_SCK, UART4_TX, SDIO_D2, DCMI_D8, USART3_TX, EVENTOUT 52 C3 79 112 140 B13 PC11 I/O FT UART4_RX, SPI3_MISO, SDIO_D3, DCMI_D4,USART3_RX, EVENTOUT 53 A3 80 113 141 A12 PC12 I/O FT UART5_TX, SDIO_CK, DCMI_D9, SPI3_MOSI, I2S3_SD, USART3_CK, EVENTOUT -- 81 114 142 B12 PD0 I/O FT FSMC_D2,CAN1_RX, EVENTOUT - - 82 115 143 C12 PD1 I/O FT FSMC_D3, CAN1_TX, EVENTOUT Table 8. STM32F20x pin and ball definitions (continued) Pins Pin name (function after reset)(1) Alternate functions Additional functions |