| Zakładka z wyszukiwarką danych komponentów |
|
STM32F373RB Arkusz danych(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F373RB Arkusz danych(HTML) 57 Page - STMicroelectronics |
|
57 / 131 page ![]() DocID022691 Rev 4 57/131 STM32F37xxx Electrical characteristics 114 6.3 Operating conditions 6.3.1 General operating conditions Table 22. General operating conditions Symbol Parameter Conditions Min Max Unit fHCLK Internal AHB clock frequency 0 72 MHz fPCLK1 Internal APB1 clock frequency 0 36 fPCLK2 Internal APB2 clock frequency 0 72 VDD Standard operating voltage Must have a potential equal to or lower than VDDA 2.0 3.6 V VDDA(1) Analog operating voltage (ADC and DAC used) Must have a potential equal to or higher than VDD 2.4 3.6 V Analog operating voltage (ADC and DAC not used) 2.0 3.6 VDDSD12 VDDSD12 operating voltage (SDADC used) Must have a potential equal to or lower than VDDA 2.2 3.6 V VDDSD12 operating voltage (SDADC not used) 2.0 3.6 VDDSD3 VDDSD3 operatin g voltage (SDADC used) Must have a potential equal to or lower than VDDA 2.2 3.6 V VDDSD3 operating voltage (SDADC not used) 2.0 3.6 VREF+ Positive reference voltage (ADC and DAC used) Must have a potential equal to or lower than VDDA 2.4 3.6 V Positive reference voltage (ADC and DAC not used) 2.0 3.6 VREFSD+ SDADCx positive reference voltage Must have a potential equal to or lower than any VDDSDx 1.1 3.6 V VBAT Backup operating voltage 1.65 3.6 V VIN Input voltage on FT and FTf pins(2) - 0.3 5.5 V Input voltage on TTa pins - 0.3 VDDA + 0.3 Input voltage on TC pins on SDADCx channels inputs(3) - 0.3 VDDSDx + 0.3 Input voltage on BOOT0 pin 0 5.5 Input voltage on any other pin - 0.3 VDD + 0.3 |