Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AAT4612IJS-T1 Arkusz danych(PDF) 4 Page - Advanced Analogic Technologies

Numer części AAT4612IJS-T1
Szczegółowy opis  Current Limited Load Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ANALOGICTECH [Advanced Analogic Technologies]
Strona internetowa  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4612IJS-T1 Arkusz danych(HTML) 4 Page - Advanced Analogic Technologies

  AAT4612IJS-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT4612IJS-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT4612IJS-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4612IJS-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4612IJS-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4612IJS-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4612IJS-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4612IJS-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4612IJS-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Typical Characteristics
Off-Switch Current vs. Temperature
0.00
0.01
0.10
1.00
-40
-20
0
20
40
60
80
100
120
Temperature (
°C)
Off-Supply Current vs. Temperature
0.00
0.01
0.10
1.00
-40
-20
0
20
40
60
80
100
120
Temperature (
°C)
R
DS(ON) vs. Temperature
0
20
40
60
80
100
120
140
160
180
-40
-20
0
20
40
60
80
100
120
Temperature (
°C)
VIN=5V
VIN=3V
Current Limit vs. V OUT
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
01
23
4
5
V
OUT (V)
Quiescent Current vs. Input Voltage
0
5
10
15
20
0
1234
56
IN (V)
Quiescent Current vs. Temperature
0
5
10
15
20
-40
-20
0
20
40
60
80
100
120
Temperature (
°C)
AAT4612
Current Limited Load Switch
4
4612.2002.1.0.9



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com