| Zakładka z wyszukiwarką danych komponentów |
|
LPC2104FBD48/00 Arkusz danych(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2104FBD48/00 Arkusz danych(HTML) 3 Page - NXP Semiconductors |
|
3 / 41 page ![]() LPC2104_2105_2106_7 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 07 — 20 June 2008 3 of 41 NXP Semiconductors LPC2104/2105/2106 Single-chip 32-bit microcontrollers 3.1 Ordering options LPC2106FBD48/00 LQFP48 plastic low profile quad flat package; 48 leads; body 7 × 7 × 1.4 mm SOT313-2 LPC2106FBD48/01 LQFP48 plastic low profile quad flat package; 48 leads; body 7 × 7 × 1.4 mm SOT313-2 LPC2106FHN48 HVQFN48 plastic thermal enhanced very thin quad flat package; no leads; 48 terminals; body 7 × 7 × 0.85 mm SOT619-1 LPC2106FHN48/00 HVQFN48 plastic thermal enhanced very thin quad flat package; no leads; 48 terminals; body 7 × 7 × 0.85 mm SOT619-1 LPC2106FHN48/01 HVQFN48 plastic thermal enhanced very thin quad flat package; no leads; 48 terminals; body 7 × 7 × 0.85 mm SOT619-1 Table 1. Ordering information …continued Type number Package Name Description Version Table 2. Ordering options Type number Flash memory RAM Temperature range LPC2104BBD48 128 kB 16 kB 0 °C to +70 °C LPC2104FBD48/00 128 kB 16 kB −40 °C to +85 °C LPC2104FBD48/01 128 kB 16 kB −40 °C to +85 °C LPC2105BBD48 128 kB 32 kB 0 °C to +70 °C LPC2105FBD48/00 128 kB 32 kB −40 °C to +85 °C LPC2105FBD48/01 128 kB 32 kB −40 °C to +85 °C LPC2106BBD48 128 kB 64 kB 0 °C to +70 °C LPC2106FBD48 128 kB 64 kB −40 °C to +85 °C LPC2106FBD48/00 128 kB 64 kB −40 °C to +85 °C LPC2106FBD48/01 128 kB 64 kB −40 °C to +85 °C LPC2106FHN48 128 kB 64 kB −40 °C to +85 °C LPC2106FHN48/00 128 kB 64 kB −40 °C to +85 °C LPC2106FHN48/01 128 kB 64 kB −40 °C to +85 °C |