| Zakładka z wyszukiwarką danych komponentów |
|
LPC2104FBD48/01 Arkusz danych(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2104FBD48/01 Arkusz danych(HTML) 2 Page - NXP Semiconductors |
|
2 / 41 page ![]() LPC2104_2105_2106_7 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 07 — 20 June 2008 2 of 41 NXP Semiconductors LPC2104/2105/2106 Single-chip 32-bit microcontrollers I In-System Programming (ISP) and In-Application Programming (IAP) via on-chip bootloader software. Flash programming takes 1 ms per 512 B line. Single sector or full chip erase takes 400 ms. I Vectored Interrupt Controller with configurable priorities and vector addresses. I EmbeddedICE-RT interface enables breakpoints and watch points. Interrupt service routines can continue to execute whilst the foreground task is debugged with the on-chip RealMonitor software. I Embedded Trace Macrocell enables non-intrusive high speed real-time tracing of instruction execution. I Multiple serial interfaces including two UARTs (16C550), Fast I2C-bus (400 kbit/s), and SPI. I Two 32-bit timers (7 capture/compare channels), PWM unit (6 outputs), Real Time Clock and Watchdog. I Up to thirty-two 5 V tolerant general purpose I/O pins in a tiny LQFP48 (7 mm × 7 mm) package. I 60 MHz maximum CPU clock available from programmable on-chip Phase-Locked Loop with settling time of 100 µs. I The on-chip crystal oscillator should have an operating range of 1 MHz to 25 MHz. I Two low power modes, Idle and Power-down. I Processor wake-up from Power-down mode via external interrupt. I Individual enable/disable of peripheral functions for power optimization. I Dual power supply: N CPU operating voltage range of 1.65 V to 1.95 V (1.8 V ± 8.3 %). N I/O power supply range of 3.0 V to 3.6 V (3.3 V ± 10 %) with 5 V tolerant I/O pads. 3. Ordering information Table 1. Ordering information Type number Package Name Description Version LPC2104BBD48 LQFP48 plastic low profile quad flat package; 48 leads; body 7 × 7 × 1.4 mm SOT313-2 LPC2104FBD48/00 LQFP48 plastic low profile quad flat package; 48 leads; body 7 × 7 × 1.4 mm SOT313-2 LPC2104FBD48/01 LQFP48 plastic low profile quad flat package; 48 leads; body 7 × 7 × 1.4 mm SOT313-2 LPC2105BBD48 LQFP48 plastic low profile quad flat package; 48 leads; body 7 × 7 × 1.4 mm SOT313-2 LPC2105FBD48/00 LQFP48 plastic low profile quad flat package; 48 leads; body 7 × 7 × 1.4 mm SOT313-2 LPC2105FBD48/01 LQFP48 plastic low profile quad flat package; 48 leads; body 7 × 7 × 1.4 mm SOT313-2 LPC2106BBD48 LQFP48 plastic low profile quad flat package; 48 leads; body 7 × 7 × 1.4 mm SOT313-2 LPC2106FBD48 LQFP48 plastic low profile quad flat package; 48 leads; body 7 × 7 × 1.4 mm SOT313-2 |