| Zakładka z wyszukiwarką danych komponentów |
|
LM2670S-ADJ Arkusz danych(PDF) 7 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM2670S-ADJ Arkusz danych(HTML) 7 Page - Texas Instruments |
|
7 / 36 page ![]() LM2670 www.ti.com SNVS036J – APRIL 2000 – REVISED APRIL 2013 Typical Performance Characteristics (continued) Discontinuous Mode Switching Waveforms Load Transient Response for Continuous Mode VIN = 20V, VOUT = 5V, ILOAD = 500 mA VIN = 20V, VOUT = 5V L = 10 μH, COUT = 400 μF, COUTESR = 13 mΩ L = 33 μH, COUT = 200 μF, COUTESR = 26 mΩ A: Output Voltage, 100 mV//div, AC-Coupled A: VSW Pin Voltage, 10 V/div B: Load Current: 500 mA to 3A Load Pulse B: Inductor Current, 1 A/div C: Output Ripple Voltage, 20 mV/div AC-Coupled Figure 16. Figure 17. Load Transient Response for Discontinuous Mode VIN = 20V, VOUT = 5V, L = 10 μH, COUT = 400 μF, COUTESR = 13 mΩ A: Output Voltage, 100 mV/div, AC-Coupled B: Load Current: 200 mA to 3A Load Pulse Figure 18. Copyright © 2000–2013, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: LM2670 |