Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8601WARTZ-R7 Arkusz danych(PDF) 18 Page - Analog Devices

Numer części AD8601WARTZ-R7
Szczegółowy opis  Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8601WARTZ-R7 Arkusz danych(HTML) 18 Page - Analog Devices

Back Button AD8601WARTZ-R7 Datasheet HTML 14Page - Analog Devices AD8601WARTZ-R7 Datasheet HTML 15Page - Analog Devices AD8601WARTZ-R7 Datasheet HTML 16Page - Analog Devices AD8601WARTZ-R7 Datasheet HTML 17Page - Analog Devices AD8601WARTZ-R7 Datasheet HTML 18Page - Analog Devices AD8601WARTZ-R7 Datasheet HTML 19Page - Analog Devices AD8601WARTZ-R7 Datasheet HTML 20Page - Analog Devices AD8601WARTZ-R7 Datasheet HTML 21Page - Analog Devices AD8601WARTZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8601/AD8602/AD8604
Rev. G | Page 18 of 24
SPICE MODEL
The SPICE macro-model for the AD860x amplifier can be down-
loaded at www.analog.com. The model accurately simulates a
number of both dc and ac parameters, including open-loop gain,
bandwidth, phase margin, input voltage range, output voltage
swing vs. output current, slew rate, input voltage noise, CMRR,
PSRR, and supply current vs. supply voltage. The model is
optimized for performance at 27°C. Although it functions at
different temperatures, it may lose accuracy with respect to the
actual behavior of the AD860x.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24