| Zakładka z wyszukiwarką danych komponentów |
|
6630S0D-C28-R103 Arkusz danych(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
6630S0D-C28-R103 Arkusz danych(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 3 page ![]() Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. 6630 - Precision Potentiometer Panel Thickness Dimensions PANEL POT LOCKWASHER HEX NUT 2.46 - 3.81 (.097 - .150) 1.78 +.07/-.02 (.070 +.003/-.001) 10.44 ± .07 (.411 ± .003) DIA. DIA. ADDITIONAL HOLE FOR ANTIROTATION PIN 7.93 (.312) R MM (INCHES) DIMENSIONS: TOLERANCES: ± 0.127 (.005) Anti-rotation pin hole is shown at six o'clock position for reference only. The actual location is determined by the customer's application. Refer to the front view of the potentiometer to see the location of the optional A/R pin. Panel thickness and hole diameters are recommended for best fit. However, customers may adjust the dimensions to suit their specific application. |