| Zakładka z wyszukiwarką danych komponentów |
|
09821 Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
09821 Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 4 page ![]() TB-2000 Page 3 of 4 Figure 9. Installing push and clinch mat grounding snap. 4. The third type is the rivet style mat grounding snap. This type of snap assembly is installed using a rivetting hand tool, item #09867. Male snap studs and rivets are available as item #09856 and female snap sockets and rivets are available as item #09857. Groundable point labels are not included with either the item #09856 or #09857 snap kits. Selection of Common Point and Floor Mat Grounding Systems 1. Determine the type of common point grounding system you will use: barrier strip, bus bar, grounding block, or common point ground cord. Desco recommends the use of common point ground cords or our 09740 dual bench mount. 2. If you determine that you will use ground cords, you must now determine the type of ground cord you will use for your workstation grounds. ANSI/ESD S6.1 recommends that a non-resistor ground cord be used to ground worksurfaces and floor mats. However, cord may have a 1 megohm resistor for non ESD puropses. Selection of the ground cord is determined by user needs and specifications. 4. The 09740 dual bench mount allows the grounding of two operators at one common point. The 09740 mounts easily under the front edge of a workstation. For detailed information on this common point grounding device ask for Technical Bulletin TB-2003. Socket Stud DESCO WEST - 3651 Walnut Avenue, Chino, CA 91710 • (909) 627-8178 DESCO EAST - One Colgate Way , Canton, MA 02021-1407 • (781) 821-8370 • Web Site: Desco.com © 2012 DESCO INDUSTRIES INC. Employee Owned 3. The 09837 Multi Ground Hub is designed for use as either a multiple grounding block or as a common point ground. The Multi Ground Hub incorporates six standard banana jacks, and six terminations for ring terminals (10-32 screw in threaded holes). Note: Also available as Desco item 19219 Ground Hub Monitor Figure 11. Mounting the 09837 to a table leg. Figure 10. Installation using a rivetting hand tool. 1 Megohm Resistor X X X X X Model # 09814 09813 09817 09818 09820 09821 09825 09826 09835 09836 09837 09740 09741 Designed for Floor Mat Use X X X X Designed for Worksurface Use X X X X X X X X X Wire Length 15' 15' 10' 10' 10' 10' 15' 15' 10' 10' 6' 10' 10' Banana Jacks 0 0 0 0 2 2 2 2 4 4 6 2 2 Desco Ground Cord Item Numbers Common Ground Point Equipment Ground Worksurface Mat Snap Ground Floor Mat Ground Snap Wrist Strap Ground Do Not Hook A Second Surface or Device Here Figure 12. 09740 dual bench mount. |