Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP1706ARDZ-1.5-R7 Arkusz danych(PDF) 13 Page - Analog Devices

Numer części ADP1706ARDZ-1.5-R7
Szczegółowy opis  1 A, Low Dropout, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP1706ARDZ-1.5-R7 Arkusz danych(HTML) 13 Page - Analog Devices

Back Button ADP1706ARDZ-1.5-R7 Datasheet HTML 9Page - Analog Devices ADP1706ARDZ-1.5-R7 Datasheet HTML 10Page - Analog Devices ADP1706ARDZ-1.5-R7 Datasheet HTML 11Page - Analog Devices ADP1706ARDZ-1.5-R7 Datasheet HTML 12Page - Analog Devices ADP1706ARDZ-1.5-R7 Datasheet HTML 13Page - Analog Devices ADP1706ARDZ-1.5-R7 Datasheet HTML 14Page - Analog Devices ADP1706ARDZ-1.5-R7 Datasheet HTML 15Page - Analog Devices ADP1706ARDZ-1.5-R7 Datasheet HTML 16Page - Analog Devices ADP1706ARDZ-1.5-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADP1706/ADP1707/ADP1708
Rev. 0 | Page 13 of 20
Thermal overload protection is included, which limits the
junction temperature to a maximum of 150°C (typical). Under
extreme conditions (that is, high ambient temperature and
power dissipation) when the junction temperature starts to
rise above 150°C, the output is turned off, reducing the output
current to zero. When the junction temperature drops below
135°C (typical), the output is turned on again and output
current is restored to its nominal value.
Consider the case where a hard short from OUT to ground
occurs. At first, the ADP1706/ADP1707/ADP1708 reach
current limit so that only 1.5 A is conducted into the short. If
self-heating of the junction becomes great enough to cause its
temperature to rise above 150°C, thermal shutdown activates,
turning off the output and reducing the output current to
zero. As the junction temperature cools and drops below
135°C, the output turns on and conducts 1.5 A into the short,
again causing the junction temperature to rise above 150°C.
This thermal oscillation between 135°C and 150°C causes a
current oscillation between 1.5 A and 0 A that continues as
long as the short remains at the output.
Current and thermal limit protections are intended to protect
the device against accidental overload conditions. For reliable
operation, device power dissipation should be externally limited
so junction temperatures do not exceed 125°C.
THERMAL CONSIDERATIONS
To guarantee reliable operation, the junction temperature of
the ADP1706/ADP1707/ADP1708 must not exceed 125°C. To
ensure that the junction temperature stays below this maximum
value, the user needs to be aware of the parameters that contrib-
ute to junction temperature changes. These parameters include
ambient temperature, power dissipation in the power device,
and thermal resistance between the junction and ambient air (θJA).
The θJA value is dependent on the package assembly compounds
used and the amount of copper to which the GND pins of the
package are soldered on the PCB. Table 5 shows typical θJA values
of the 8-lead SOIC and 8-lead LFCSP for various PCB copper sizes.
Table 5. Typical θJA Values
Copper Size (mm2)
θJA (°C/W), SOIC
θJA (°C/W), LFCSP
01
57.6
65.9
50
53.1
62.3
100
52.3
61.2
300
51.3
59.7
500
51.3
59.4
1 Device soldered to minimum size pin traces.
The junction temperature of the ADP1706/ADP1707/ADP1708
can be calculated by
TJ = TA + (PD × θJA)
(3)
where:
TA is the ambient temperature.
PD is the power dissipation in the die, given by
PD = [(VIN – VOUT) × ILOAD] + (VIN × IGND)
(4)
where:
ILOAD is the load current.
IGND is the ground current.
VIN and VOUT are the input and output voltages, respectively.
Power dissipation due to ground current is quite small and can
be ignored. Therefore, the junction temperature equation
simplifies to the following:
TJ = TA + {[(VIN – VOUT) × ILOAD] × θJA}
(5)
As shown in Equation 5, for a given ambient temperature,
input-to-output voltage differential, and continuous load
current, a minimum copper size requirement exists for the PCB
to ensure the junction temperature does not rise above 125°C.
Figure 36 to Figure 41 show junction temperature calculations
for different ambient temperatures, load currents, VIN to VOUT
differentials, and areas of PCB copper.
140
0
0.5
5.0
VIN – VOUT (V)
120
100
80
60
40
20
1.01.5
2.02.53.03.5
4.04.5
1mA
10mA
100mA
300mA
500mA
750mA
1A
(LOAD CURRENT)
MAX TJ (DO NOT OPERATE ABOVE THIS POINT)
Figure 36. 500 mm2 of PCB Copper, TA = 25°C, SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com