Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS1341 Arkusz danych(PDF) 14 Page - ams AG

Numer części AS1341
Szczegółowy opis  650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMSCO [ams AG]
Strona internetowa  http://www.ams.com
Logo AMSCO - ams AG

AS1341 Arkusz danych(HTML) 14 Page - ams AG

Back Button AS1341 Datasheet HTML 10Page - ams AG AS1341 Datasheet HTML 11Page - ams AG AS1341 Datasheet HTML 12Page - ams AG AS1341 Datasheet HTML 13Page - ams AG AS1341 Datasheet HTML 14Page - ams AG AS1341 Datasheet HTML 15Page - ams AG AS1341 Datasheet HTML 16Page - ams AG AS1341 Datasheet HTML 17Page - ams AG AS1341 Datasheet HTML 18Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
www.ams.com/DC-DC_Step-Up/AS1341
Revision 1.09
14 - 18
AS1341
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9.11 PC Board Layout and Grounding
High switching frequencies and large peak currents make PC board layout an important part of AS1341-based designs. Good PCB layout can
avoid switching noise being introduced into the feedback path, resulting in jitter, instability, or degraded performance.
- High-power traces (see Figure 22 on page 10) should be as short and wide as possible.
- The current loops formed by the external components (CIN, COUT, L1, and D1 see Figure 22 on page 10) should be as short as possible
to avoid radiated noise. Connect the ground pins of these power components at a common node in a star-ground configuration.
- Separate noisy traces, such as the LX node, from the feedback network with grounded copper.
- Keep the extra copper on the PCB and integrate it into a pseudo-ground plane.
- When using external feedback, place the resistors as close to pin FB as possible to minimize noise coupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18