Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD677AS Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części BD677AS
Szczegółowy opis  Medium Power Linear and Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BD677AS Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  BD677AS Datasheet HTML 1Page - Fairchild Semiconductor BD677AS Datasheet HTML 2Page - Fairchild Semiconductor BD677AS Datasheet HTML 3Page - Fairchild Semiconductor BD677AS Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Collector-Emitter Saturation Voltage
Figure 3. Base-Emitter On Voltage
Figure 4. Safe Operating Area
Figure 5. Power Derating
0.1
1
10
100
1000
10000
VCE = 3V
IC[A], COLLECTOR CURRENT
0.1
1
10
0.0
0.4
0.8
1.2
1.6
2.0
2.4
Ic = 250 IB
IC[A], COLLECTOR CURRENT
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
VCE = 3V
VBE[V], BASE-EMITTER VOLTAGE
1
10
100
1000
0.1
1
10
BD677A
10
µs
IC(max). Pulsed
BD681
BD679A
BD675A
100
µs
1ms
10ms
IC(max). Continuous
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
200
0
10
20
30
40
50
TC[
o
C], CASE TEMPERATURE



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com