| Zakładka z wyszukiwarką danych komponentów |
|
MCP2502X Arkusz danych(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2502X Arkusz danych(HTML) 2 Page - Microchip Technology |
|
2 / 66 page ![]() MCP2502X/5X DS21664D-page 2 © 2007 Microchip Technology Inc. Package Types Definition of Terms The following terms are used throughout this document: I/O Expander - refers to the integrated circuit (IC) device being described (MCP2502X/5X). Input Message - term given to messages that are received by the MCP2502X/5X and cause the internal registers to be modified. Once the register modification has been performed, the MCP2502X/5X transmits a Command Acknowledge message to indicate that the command was received and processed. Command Acknowledge Message - term given to the message that is automatically transmitted by the MCP2502X/5X after receiving and processing an input message. Information Request Message - term given to Remote Request messages that are received by the MCP2502X/5X that subsequently generate an output message (data frame) in response. Output Message - term given to the message that the MCP2502X/5X sends in response to an Information Request message. On Bus Message - term given to the message that the MCP2502X/5X transmits after completing the power-on/ self-configuration sequence at timed intervals, if enabled. Self-Configuration - term used to describe the process of transferring the contents of the EPROM memory array to the SRAM memory array. On Bus - term used to describe the condition when the MCP2502X/5X is fully-configured and ready to transmit, or receive, on the bus. This is the only state in which the MCP2502X/5X can transmit on the bus. Edge Detection - refers to the MCP2502X/5X’s ability to automatically transmit a message based upon the occurance of a predefined edge on any digital input. Threshold Detection - refers to the MCP2502X/5X’s ability to automatically transmit a message when a predefined analog threshold is reached. GP0/AN0 GP1/AN1 VDD TXCAN/TXRXCAN* RXCAN/NC* GP5/VREF+ 1 2 3 4 GP4/VREF- GP6/CLKOUT 14 13 12 11 10 GP3/AN3/PWM2 OSC1/CLKIN GP2/AN2/PWM1 5 6 7 8 9 OSC2 VSS GP7/RST/VPP PDIP/SOIC * One-wire option available on MCP250X5 devices. |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |