Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS3490 Arkusz danych(PDF) 14 Page - ams AG

Numer części AS3490
Szczegółowy opis  Highly Efficient 2-6 LEDs Backlight Driver with PWM Input
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMSCO [ams AG]
Strona internetowa  http://www.ams.com
Logo AMSCO - ams AG

AS3490 Arkusz danych(HTML) 14 Page - ams AG

Back Button AS3490 Datasheet HTML 10Page - ams AG AS3490 Datasheet HTML 11Page - ams AG AS3490 Datasheet HTML 12Page - ams AG AS3490 Datasheet HTML 13Page - ams AG AS3490 Datasheet HTML 14Page - ams AG AS3490 Datasheet HTML 15Page - ams AG AS3490 Datasheet HTML 16Page - ams AG AS3490 Datasheet HTML 17Page - ams AG AS3490 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
www.austriamicrosystems.com/AS3490
1.2
13 - 18
AS3490
Datasheet - D e ta i l e d D e s c r i p t i o n
DCDC Inductor Peak Current Limitation
To limit the maximum current from the battery, the DCDC converter limits its current through the coil to ILIMIT on a cycle
by cycle basis.
Overtemperature Protection
The junction temperature of the AS3490 is continuously monitored. If the temperature exceeds TOVTEMP, the DCDC is
stopped. The driver is automatically re-enabled once the junction temperature drops below TOVTEMP-TOVTEMPHYST.
Supply undervoltage Protection
If the voltage on the pin VIN is or falls below VUVLO, the AS3490 is kept in shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19