| Zakładka z wyszukiwarką danych komponentów |
|
AS3677 Arkusz danych(PDF) 46 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3677 Arkusz danych(HTML) 46 Page - ams AG |
|
46 / 68 page ![]() www.austriamicrosystems.com/AS3677 1v3-1 45 - 67 AS3677 Datasheet - D e ta i l e d D e s c r i p t i o n Figure 26. GPIOs and VANA Blockdiagram 8.5.1 Unused GPIO and digital Input Pins If the pins ALS/GPIO1, GPIO2 or GPIO3 are not used, they can be left open (an internal pulldown, which is enabled by default, will pull them to GND, ALS/GPIO1 is configured as ADC input). The pins DLS1 and DLS2 should be connected to VSS, INT can be left open. 8.5.2 GPIO and Digital Inputs Characteristics Table 79. GPIO and digital inputs DC Characteristics Symbol Parameter Condition Min Typ Max Unit Rpull Pull up/Pull down Resistance enabled by gpio1_pulls, gpio2_pulls and gpio3_pulls 30 75 k Ω VGPIO Supply Voltage =VANA 1.8 3.35 V ! " ##$ % ! "! !" ##$ ! " ## ! "$ &' ! "('$ ) &' !" ##$ % ! "$ &' ! "('$ ) &' !" ##$ % ! "#*"+)) !," ##$ % !,"! !," ##$ !," ## !,"$ &' !,"('$ ) &' !," ##$ % !,"$ &' !,"('$ ) &' !," ##$ % !,"#*"+)) , !" ##$ % !"! !" ##$ !" ## !"$ &' !"('$ ) &' !" ##$ % !"$ &' !"('$ ) &' !" ##$ % !"#*"+)) AS3677 |