Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS5115 Arkusz danych(PDF) 13 Page - ams AG

Numer części AS5115
Szczegółowy opis  Programmable 360 Magnetic Angle Encoder with Buffered SINE COSINE Output Signals
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMSCO [ams AG]
Strona internetowa  http://www.ams.com
Logo AMSCO - ams AG

AS5115 Arkusz danych(HTML) 13 Page - ams AG

Back Button AS5115 Datasheet HTML 9Page - ams AG AS5115 Datasheet HTML 10Page - ams AG AS5115 Datasheet HTML 11Page - ams AG AS5115 Datasheet HTML 12Page - ams AG AS5115 Datasheet HTML 13Page - ams AG AS5115 Datasheet HTML 14Page - ams AG AS5115 Datasheet HTML 15Page - ams AG AS5115 Datasheet HTML 16Page - ams AG AS5115 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
www.austriamicrosystems.com/AS5115
Revision 1.11
12 - 20
AS5115
Datasheet - Detailed Descr i pti on
7.8 Analog Sin/Cos Outputs with External Interpolator
Figure 8. Sine and Cosine Outputs for External Angle Calculation
The AS5115 provides analog Sine and Cosine outputs (SINP, COSP) of the Hall array front-end for test purposes. These outputs allow the user
to perform the angle calculation by an external ADC + µC, e.g. to compute the angle with a high resolution. The signal lines must be kept as
short as possible. In the case of longer lines, they must be shielded in order to achieve best noise performance.
Through the programming of one bit, you have the possibility to choose between the analog Sine and Cosine outputs (SINP, COSP) and their
inverted signals (SINN, COSN). Furthermore, by programming the bits <9:10> you can enable the common mode output signals of SIN and
COS.
VDD
VSS
Micro
Controller
AS5130
100n
VSS
+5V
VDD
SINN/SINP/CM_SIN
VDD
SINP/SINN
COSN/COSP/CM_COS
COSP/COSN
VSS
AS5115
D
DA
A
PROG
100k
Notes:
1. We recommend to use a 100k pull-up resistance.
2. Default conditions for unused pins are: DCLK, CS, DIO, TC, A_TST, TBO, TB1, TB2, TB3 connect to VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21