Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS5130 Arkusz danych(PDF) 32 Page - ams AG

Numer części AS5130
Szczegółowy opis  8-Bit Programmable Magnetic Rotary Encoder with Motion Detection Multiturn
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMSCO [ams AG]
Strona internetowa  http://www.ams.com
Logo AMSCO - ams AG

AS5130 Arkusz danych(HTML) 32 Page - ams AG

Back Button AS5130 Datasheet HTML 28Page - ams AG AS5130 Datasheet HTML 29Page - ams AG AS5130 Datasheet HTML 30Page - ams AG AS5130 Datasheet HTML 31Page - ams AG AS5130 Datasheet HTML 32Page - ams AG AS5130 Datasheet HTML 33Page - ams AG AS5130 Datasheet HTML 34Page - ams AG AS5130 Datasheet HTML 35Page - ams AG AS5130 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
www.austriamicrosystems.com/AS5130
Revision 1.12
31 - 41
AS5130
Datasheet - Application In form atio n
Figure 26. Typical INL Error over 360º
Figure 26 shows a typical example of an error curve over a full turn of 360º at a given X-Y- displacement. The curve includes the quantization
error, transition noise and the system error. The total error is ~2.2º peak/peak (+/-1.1º).
The sawtooth-like quantization error (see Figure 25) can be reduced by averaging, provided that the magnet is in constant motion and there are
an adequate number of samples available. The solid bold line in Figure 26 shows the moving average of 16 samples. The INL (intrinsic non-
linearity) is reduced to from ~+/- 1.1º down to ~ +/-0.3º. The averaging however, also increases the total propagation delay, therefore it may be
considered for low speeds only or adaptive; depending on speed (see Position Error Over Speed: on page 21).
INL including quantization error
-1,5
-1
-0,5
0
0,5
1
1,5
0
45
90
135
180
225
270
315
360
Angle steps
INL
Average (16x)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42