| Zakładka z wyszukiwarką danych komponentów |
|
AS5145B Arkusz danych(PDF) 35 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5145B Arkusz danych(HTML) 35 Page - ams AG |
|
35 / 36 page ![]() www.ams.com/AS5145 Revision 1.17 35 - 36 AS5145 Datasheet - Orderin g Info r m ation 11 Ordering Information The devices are available as the standard products shown in Table 16. Note: All products are RoHS compliant and ams green. Buy our products or get free samples online at www.ams.com/ICdirect Technical Support is available at www.ams.com/Technical-Support For further information and requests, email us at sales@ams.com (or) find your local distributor at www.ams.com/distributor Table 16. Ordering Information Ordering Code Description Delivery Form Package AS5145H-HSST 12-Bit Programmable Magnetic Rotary Encoder Tape & Reel SSOP 16 (5.3mm x 6.2mm) AS5145A-HSST Pre-programmed 10-bit incremental Tape & Reel AS5145B-HSST Pre-programmed 12-bit incremental Tape & Reel |