| Zakładka z wyszukiwarką danych komponentów |
|
AT45DB021 Arkusz danych(PDF) 9 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB021 Arkusz danych(HTML) 9 Page - ATMEL Corporation |
|
9 / 18 page ![]() AT45DB021 9 Write Operations The following block diagram and waveforms illustrate the various write sequences available. Main Memory Page Program through Buffers Buffer Write Buffer to Main Memory Page Program (Data from Buffer Programmed into Flash Page) FLASH MEMORY ARRAY PAGE (264 BYTES) BUFFER 2 (264 BYTES) BUFFER 1 (264 BYTES) I/O INTERFACE SI BUFFER 1 TO MAIN MEMORY PAGE PROGRAM MAIN MEMORY PAGE PROGRAM THROUGH BUFFER 2 BUFFER 2 TO MAIN MEMORY PAGE PROGRAM MAIN MEMORY PAGE PROGRAM THROUGH BUFFER 1 BUFFER 1 WRITE BUFFER 2 WRITE SI CMD n n+1 Last Byte · Completes writing into selected buffer · Starts self-timed erase/program operation CS r r r, PA11-7 PA6-0, BFA8 BFA7-0 SI CMD X X···X, BFA8 BFA7-0 n n+1 Last Byte · Completes writing into selected buffer CS SI CMD PA6-0, X CS Starts self-timed erase/program operation r r r, PA11-7 X Each transition represents 8 bits and 8 clock cycles n = 1st byte written n+1 = 2nd byte written |