| Zakładka z wyszukiwarką danych komponentów |
|
AT45DB321 Arkusz danych(PDF) 10 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB321 Arkusz danych(HTML) 10 Page - ATMEL Corporation |
|
10 / 20 page ![]() AT45DB321 10 Reset Timing (Inactive Clock Polarity Low Shown) Command Sequence for Read/Write Operations (Except Status Register Read) Notes: 1. “r” designates bits reserved for larger densities. 2. It is recommended that “r” be a logical “0” for densities of 32M bit or smaller. 3. For densities larger than 32M bit, the “r” bits become the most significant Page Address bit for the appropriate density. CS SCK RESET SO SI HIGH IMPEDANCE HIGH IMPEDANCE tRST tREC tCSS SI CMD 8 bits 8 bits 8 bits MSB Reserved for larger densities Page Address (PA12-PA0) Byte/Buffer Address (BA9-BA0/BFA9-BFA0) LSB r X X X X X X X X X X X X X X X X X X X X X X X |