| Zakładka z wyszukiwarką danych komponentów |
|
LP3985 Arkusz danych(PDF) 19 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP3985 Arkusz danych(HTML) 19 Page - Texas Instruments |
|
19 / 29 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 1-Nov-2013 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LP3985IM5X-3.3 NRND SOT-23 DBV 5 3000 TBD Call TI Call TI -40 to 125 LDQB LP3985IM5X-3.3/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LDQB LP3985IM5X-4.7/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LDRB LP3985IM5X-5.0/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LDSB LP3985ITL-2.5/NOPB ACTIVE DSBGA YZR 5 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITL-2.6/NOPB ACTIVE DSBGA YZR 5 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITL-2.7/NOPB ACTIVE DSBGA YZR 5 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITL-2.8/NOPB ACTIVE DSBGA YZR 5 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITL-2.9/NOPB ACTIVE DSBGA YZR 5 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITL-285/NOPB ACTIVE DSBGA YZR 5 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITL-3.0/NOPB ACTIVE DSBGA YZR 5 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITL-3.1/NOPB ACTIVE DSBGA YZR 5 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITL-3.2/NOPB ACTIVE DSBGA YZR 5 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITL-3.3/NOPB ACTIVE DSBGA YZR 5 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITL-4.75/NOPB ACTIVE DSBGA YZR 5 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITL-4.8/NOPB ACTIVE DSBGA YZR 5 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM 5 LP3985ITL-5.0/NOPB ACTIVE DSBGA YZR 5 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITLX-2.5/NOPB ACTIVE DSBGA YZR 5 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 5 |