| Zakładka z wyszukiwarką danych komponentów |
|
MBT8SS Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MBT8SS Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers |
|
|
1 / 1 page ![]() Datasheet Product Name: MK9SST Features & Benefits: With its lightweight, ergonomic design, the MK9SST is an ideal tool for applying the MBT series stainless steel cable ties. Although it is used for applying stainless steel cable ties, the MK9SST enables work to be carried out without operator fatigue. For easier handling the tensioning is fully adjustable by means of a quick two level control with an additional fine setting. This feature means that damage to the bundled materials is easily avoided. The cable ties are automatically cut off flush with the head when the preset tensioning level has been reached. Base Data Cable Tie Thickness max. 0.25 Product Dimensions Cable Tie Width max. (metric) 13.0 For use with the following 304 Grade MBT Stainless Steel Ties: MBT5SS MBT8SS MBT14SS MBT20SS MBT27SS MBT33SS MBT8HS MBT14HS MBT20HS MBT27HS MBT33HS MBT14XHS MBT20XHS MBT27XHS MBT33XHS |
Podobny numer części - MBT8SS |
|
Podobny opis - MBT8SS |