| Zakładka z wyszukiwarką danych komponentów |
|
SSM2018TPZ Arkusz danych(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
SSM2018TPZ Arkusz danych(HTML) 16 Page - Analog Devices |
|
16 / 16 page ![]() SSM2018 Data Sheet Rev. C | Page 16 of 16 OUTLINE DIMENSIONS Figure 37. 16-Lead Plastic Dual In-Line Package [PDIP] Narrow Body (N-16) Dimensions shown in inches and (millimeters) ORDERING GUIDE Model1 Temperature Range Package Description Package Option SSM2018PZ –40°C to +85°C 16-Lead Plastic Dual In-Line Package [PDIP] N-16 SSM2018TPZ –40°C to +85°C 16-Lead Plastic Dual In-Line Package [PDIP] N-16 1 Z = RoHS Compliant Part. CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN. CORNER LEADS MAY BE CONFIGURED AS WHOLE OR HALF LEADS. COMPLIANT TO JEDEC STANDARDS MS-001-AB 0.022 (0.56) 0.018 (0.46) 0.014 (0.36) 0.150 (3.81) 0.130 (3.30) 0.115 (2.92) 0.070 (1.78) 0.060 (1.52) 0.045 (1.14) 16 1 8 9 0.100 (2.54) BSC 0.800 (20.32) 0.790 (20.07) 0.780 (19.81) 0.210 (5.33) MAX SEATING PLANE 0.015 (0.38) MIN 0.005 (0.13) MIN 0.280 (7.11) 0.250 (6.35) 0.240 (6.10) 0.060 (1.52) MAX 0.430 (10.92) MAX 0.014 (0.36) 0.010 (0.25) 0.008 (0.20) 0.325 (8.26) 0.310 (7.87) 0.300 (7.62) 0.015 (0.38) GAUGE PLANE 0.195 (4.95) 0.130 (3.30) 0.115 (2.92) ©2002–2013 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D00345-0-2/13(C) |