| Zakładka z wyszukiwarką danych komponentów |
|
MMU01020D3003JB300 Arkusz danych(PDF) 2 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
MMU01020D3003JB300 Arkusz danych(HTML) 2 Page - Vishay Siliconix |
|
2 / 13 page ![]() Document Number: 28713 For technical questions, contact: melf@vishay.com www.vishay.com Revision: 05-Mar-12 15 MMU 0102, MMA 0204, MMB 0207 - Professional Professional MELF Resistors Vishay Beyschlag This document is subject to change without notice. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 DIMENSIONS Note • Color code marking is applied according to IEC 60062 (3) in four bands (E24 series) or 5 bands (E96 or E192 series). Each color band appears as a single solid line, voids are permissible if at least 2/3 of the band is visible from each radial angle of view. The last color band for tolerance is approximately 50 % wider than the other bands. An interrupted yellow band between the 4th and 5th full band indicates TC25. PATTERN STYLES FOR MELF RESISTORS Note • The given solder pad dimensions reflect the considerations for board design and assembly as outlined e.g. in standards IEC 61188-5-x, or in publication IPC-7351. They do not guarantee any supposed thermal properties, however, they will be found adequate for most general applications. DIMENSIONS AND MASS TYPE L (mm) D (mm) L1 min. (mm) D1 (mm) K (mm) MASS (mg) MMU 0102 2.2 + 0/- 0.1 1.1 + 0/- 0.1 1.2 D + 0/- 0.1 0.4 ± 0.05 8 MMA 0204 3.6 + 0/- 0.2 1.4 + 0/- 0.1 1.8 D + 0/- 0.15 0.8 ± 0.1 22 MMB 0207 5.8 + 0/- 0.15 2.2 + 0/- 0.2 3.2 D + 0/- 0.2 1.15 ± 0.1 80 RECOMMENDED SOLDER PAD DIMENSIONS TYPE WAVE SOLDERING REFLOW SOLDERING G (mm) Y (mm) X (mm) Z (mm) G (mm) Y (mm) X (mm) Z (mm) MMU 0102 0.7 1.2 1.5 3.1 1.1 0.8 1.3 2.7 MMA 0204 1.5 1.5 1.8 4.5 1.7 1.2 1.6 4.1 MMB 0207 2.8 2.1 2.6 7.0 3.2 1.7 2.4 6.6 L 1 K D 1 D L G X Y Z |