| Zakładka z wyszukiwarką danych komponentów |
|
PIC16F7XESSSQTP Arkusz danych(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F7XESSSQTP Arkusz danych(HTML) 19 Page - Microchip Technology |
|
19 / 174 page ![]() 2002 Microchip Technology Inc. DS30325B-page 17 PIC16F7X Bank 1 80h(4) INDF Addressing this location uses contents of FSR to address data memory (not a physical register) 0000 0000 27, 96 81h OPTION_REG RBPU INTEDG T0CS T0SE PSA PS2 PS1 PS0 1111 1111 20, 44, 96 82h(4) PCL Program Counter’s (PC) Least Significant Byte 0000 0000 26, 96 83h(4) STATUS IRP RP1 RP0 TO PD ZDC C 0001 1xxx 19, 96 84h(4) FSR Indirect data memory address pointer xxxx xxxx 27, 96 85h TRISA — — PORTA Data Direction Register --11 1111 32, 96 86h TRISB PORTB Data Direction Register 1111 1111 34, 96 87h TRISC PORTC Data Direction Register 1111 1111 35, 96 88h(5) TRISD PORTD Data Direction Register 1111 1111 36, 96 89h(5) TRISE IBF OBF IBOV PSPMODE — PORTE Data Direction Bits 0000 -111 38, 96 8Ah(1,4) PCLATH — — — Write Buffer for the upper 5 bits of the Program Counter ---0 0000 21, 96 8Bh(4) INTCON GIE PEIE TMR0IE INTE RBIE TMR0IF INTF RBIF 0000 000x 23, 96 8Ch PIE1 PSPIE(3) ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 0000 0000 22, 96 8Dh PIE2 — — — — — — — CCP2IE ---- ---0 24, 97 8Eh PCON — — — — — — POR BOR ---- --qq 25, 97 8Fh — Unimplemented — — 90h — Unimplemented — — 91h — Unimplemented — — 92h PR2 Timer2 Period Register 1111 1111 52, 97 93h SSPADD Synchronous Serial Port (I2C mode) Address Register 0000 0000 68, 97 94h SSPSTAT SMP CKE D/A PS R/W UA BF 0000 0000 60, 97 95h — Unimplemented — — 96h — Unimplemented — — 97h — Unimplemented — — 98h TXSTA CSRC TX9 TXEN SYNC — BRGH TRMT TX9D 0000 -010 69, 97 99h SPBRG Baud Rate Generator Register 0000 0000 71, 97 9Ah — Unimplemented — 9Bh — Unimplemented — 9Ch — Unimplemented — 9Dh — Unimplemented — 9Eh — Unimplemented — 9Fh ADCON1 — — — — — PCFG2 PCFG1 PCFG0 ---- -000 84, 97 TABLE 2-1: SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on: POR, BOR Details on page Legend: x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as '0', r = reserved. Shaded locations are unimplemented, read as ‘0’. Note 1: The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8>, whose contents are transferred to the upper byte of the program counter during branches (CALL or GOTO). 2: Other (non power-up) RESETS include external RESET through MCLR and Watchdog Timer Reset. 3: Bits PSPIE and PSPIF are reserved on the 28-pin devices; always maintain these bits clear. 4: These registers can be addressed from any bank. 5: PORTD, PORTE, TRISD, and TRISE are not physically implemented on the 28-pin devices, read as ‘0’. 6: This bit always reads as a ‘1’. |