| Zakładka z wyszukiwarką danych komponentów |
|
MMU01020Z3003JB700 Arkusz danych(PDF) 10 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
MMU01020Z3003JB700 Arkusz danych(HTML) 10 Page - Vishay Siliconix |
|
10 / 13 page ![]() Document Number: 28713 For technical questions, contact: melf@vishay.com www.vishay.com Revision: 05-Mar-12 23 MMU 0102, MMA 0204, MMB 0207 - Professional Professional MELF Resistors Vishay Beyschlag This document is subject to change without notice. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 4.27 - Single pulse high voltage overload; standard operation mode Severity no. 4: U = 10 x 2 x U max.; 10 pulses 10 µs/700 µs ± (0.25 % R +5 m) Single pulse high voltage overload; power operation mode ± (0.5 % R +5 m) 4.37 - Periodic electric overload; standard operation mode U = 2 x U max.; 0.1 s on; 2.5 s off; 1000 cycles ± (0.5 % R +5 m) Periodic electric overload; power operation mode ± (1 % R +5 m ) 4.22 6 (Fc) Vibration Endurance by sweeping; 10 Hz to 2000 Hz; no resonance; amplitude 1.5 mm or 200 m/s2; 7.5 h ± (0.05 % R +5 m )±(0.1 % R +5 m) 4.40 - Electrostatic discharge (Human Body Model) IEC 61340-3-1 (2); 3 pos. + 3 neg. discharges MMU 0102: 1.5 kV MMA 0204: 2 kV MMB 0207: 4 kV ± (0.5 % R +50 m ) TEST PROCEDURES AND REQUIREMENTS EN 60115-1 CLAUSE IEC 60068-2 (2) TEST METHOD TEST PROCEDURE REQUIREMENTS PERMISSIBLE CHANGE ( R) STABILITY CLASS 0.25 OR BETTER STABILITY CLASS 0.5 OR BETTER STABILITY CLASS 1 OR BETTER STABILITY CLASS 2 OR BETTER Stability for product types: MMU 0102 10 to 221k 1 to < 10 < 1 > 221 k MMA 0204 10 to 332 k 1 to < 10 < 1 > 332 k MMB 0207 10 to 1 M 1 to < 10 < 1 > 1 M P 70 x R 15 x P 70 x R |