Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SF0434BA02587S Arkusz danych(PDF) 2 Page - Spectrum Microwave, Inc.

Numer części SF0434BA02587S
Szczegółowy opis  433.92 MHz SAW Filter 7 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SPECTRUM [Spectrum Microwave, Inc.]
Strona internetowa  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

SF0434BA02587S Arkusz danych(HTML) 2 Page - Spectrum Microwave, Inc.

  SF0434BA02587S Datasheet HTML 1Page - Spectrum Microwave, Inc. SF0434BA02587S Datasheet HTML 2Page - Spectrum Microwave, Inc. SF0434BA02587S Datasheet HTML 3Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
433.92 MHz SAW Filter
7 MHz Bandwidth
Part Number: SF0434BA02587S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0434BA02587S
Rev A
26-Mar-2010
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency, FC
1
-
433.92
-
MHz
Insertion Loss
433.05 – 434.79 MHz
-
1.9
3.7
dB
Attenuation (Reference level from 0 db)
389.0 – 392.0 MHz
42
54
-
dB
411.0 – 414.0 MHz
40
50
-
dB
454.0 – 457.0 MHz
40
51
-
dB
475.0 – 478.0 MHz
42
52
-
dB
Amplitude Ripple 433.05 – 434.79 MHz
-
0.3
1.5
dB
-
-94
-
ppm/˚C
Source/Load Impedance
50
ohms
Ambient Temperature
-
25
-
˚C
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
˚C
Operating Temperature Range
-10
60
˚C
Input Power Level
-
10
dBm
DC Voltage
3
V
MATCHING CIRCUIT
Note: No Matching Components Required



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com