Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

QJS0512001 Arkusz danych(PDF) 2 Page - Powerex Power Semiconductors

Numer części QJS0512001
Szczegółowy opis  Single MOSFET Module 120 Amperes/500 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POWEREX [Powerex Power Semiconductors]
Strona internetowa  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QJS0512001 Arkusz danych(HTML) 2 Page - Powerex Power Semiconductors

  QJS0512001 Datasheet HTML 1Page - Powerex Power Semiconductors QJS0512001 Datasheet HTML 2Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
QJS0512001
Single MOSFET Module
120 Amperes/500 Volts
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
2
01/10 Rev. 1
Maximum Ratings,
Tj = 25°C unless otherwise specified
Ratings
Symbol
QJS0512001
Units
Drain-Source Voltage
VDS
500
Volts
Drain-Gate Voltage
VDGR
500
Volts
Gate-Source Voltage
VGS
±30
Volts
Drain Current (Continuous) at TC = 25°C
ID
120
Amperes
Drain Current (Continuous) at TC = 100°C
ID
75
Amperes
Junction Temperature
Tj
-40 to 150
°C
Storage Temperature
Tstg
-40 to 125
°C
Mounting Torque, M6 Terminal Screws
26
in-lb
Mounting Torque, M6 Mounting Screws
26
in-lb
Module Weight (Typical)
220
Grams
V Isolation Voltage
VRMS
2500
Volts
Static Electrical Characteristics,
Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Drain-Source Breakdown Voltage
V(BR)DSS
ID = 500μA, VGS = 0
500
Volts
Zero Gate Voltage Drain Current
IDSS
VGS = 0, VDS = 500V
20
μA
Zero Gate Voltage Drain Current
IDSS
VGS = 0, VDS = 500V, TC = 125°C
200
μA
Gate Leakage Current
IGSS
VDS = 0, VGS = ±20V
±20
μA
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 500µA
3.0
4.0
5.0
Volts
Drain-Source On Resistance
RDS(on)
ID = 60A, VGS = 10V
0.022
0.025
Total Gate Charge
QG
VDD = 400V, ID = 120A, VGS = 10V
380
530
nC
Forward On Voltage Source-Drain Diode
VSD
ISD = 120A, VGS = 0
1.5
Volts
Thermal and Mechanical Characteristics,
Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Thermal Resistance, Junction to Case
Rth(j-c)
MOSFET
0.1
TBD
°C/W
Contact Thermal Resistance,
Rth(c-f)
Module
0.075
°C/W
Thermal Grease Applied



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com