| Zakładka z wyszukiwarką danych komponentów |
|
45M30B Arkusz danych(PDF) 1 Page - Wolfgang Knap |
|
|
|||||||||||||||||||||||||||||
45M30B Arkusz danych(HTML) 1 Page - Wolfgang Knap |
|
|
1 / 1 page ![]() 120 UM-1/HJ & UM-1S/HJ FAMILY Monolithic Crystal Filters STANDARD SMD MCF (MHz) Nominal Frequency fo Part number (MHz) (dB) (kHz) Nominal Frequency fo Passband min. (dB) (kHz) (dB) (dB) (kHz) Stopband max. Attention Guaranteed min. Ripple max. (dB) Loss max. ( Ω//pF) Terminating Impedance (˚C) Operating Temperature No. of Pole STANDARD SPECIFICATIONS PACKAGE DATA Package Item UM-1 / 8HJ UM-1S / 8HJ Cover Base Sealing Metal clamp Metal clamp plating Terminal lead Terminal lead plating RoHS Metal Metal Resistance weld C5210R Gold Alloy (FeNiCo) Gold Compliant (Pb-free) UM-1 / 6HJ UM-1S / 6HJ Metal Metal Resistance weld C5210R Gold Alloy (FeNiCo) Gold Compliant (Pb-free) UM-1 / 4HJ UM-1S / 4HJ Metal Metal Resistance weld C5210R Gold Alloy (FeNiCo) Gold Compliant (Pb-free) 21M7.5A(HJ) 21M7.5B(HJ) 21M12A(HJ) 21M12B(HJ) 21M15A(HJ) 21M15B(HJ) 21M30A(HJ) 21M30B(HJ) 45M7.5A(HJ) 45M7.5B(HJ) 45M15A(HJ) 45M15B(HJ) 45M30A(HJ) 45M30B(HJ) 45M7.5A3(HJ) 45M7.5B3(HJ) 45M15A3(HJ) 45M15B3(HJ) P/N 21.4 21.4 21.4 21.4 21.4 21.4 21.4 21.4 45 45 45 45 45 45 45 (3rd OT) 45 (3rd OT) 45 (3rd OT) 45 (3rd OT) 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 ±3.75 ±3.75 ±6.0 ±6.0 ±7.5 ±7.5 ±15.0 ±15.0 ±3.75 ±3.75 ±7.5 ±7.5 ±15.0 ±15.0 ±3.75 ±3.75 ±7.5 ±7.5 20 40 20 40 18 40 15 40 10 30 15 30 15 30 10 30 15 30 65 90 90 80 35 75 35 75 ±18.0 ±14.0 ±25.0 ±20.0 ±25.0 ±25.0 ±45.0 ±50.0 ±12.5 ±12.5 ±25.0 ±25.0 ±60.0 ±50.0 ±12.5 ±12.5 ±25.0 ±25.0 -910 ±900 to ±1000 ±900 to ±1000 ±900 to ±1000 ±910 ±910 ±910 ±910 35 50 65 80 35 50 65 80 35 50 65 80 35 45 65 80 +350 to +1000 -200 to -1000 +350 to +1000 -200 to -1000 +350 to +1000 -200 to -1000 +350 to +1000 -200 to -1000 +350 to +1000 -200 to -1000 +350 to +1000 -200 to -1000 +350 to +1000 -300 to -1000 +350 to +1000 -250 to -1000 +900 to +1000 -900 to -1000 +900 to +1000 -900 to -1000 0.5 1.0 0.5 1.0 0.5 1.0 0.5 1.0 1.0 1.0 1.0 1.0 1.5 1.0 1.0 1.0 1.0 1.0 1.5 2.5 1.5 2.0 1.5 2.0 1.5 2.0 2.0 4.0 2.0 3.0 2.5 3.0 2.0 4.0 2.0 4.0 (pF) Coupling Capacitor - 16 - 10.5 - 8 - 3 - 18 - 9 - 3.5 - -0.1 - -1.0 850//6.0 850//5.0 1200//3.0 1200//2.5 1500//2.5 1500//2.0 1500//1.0 2000//0.5 200//4.0 350//6.5 650//3.0 650//3.0 1200//0 1200//0.7 2000//-0.4 3000//-0.3 4000//-0.7 4000//-0.8 -30 to +80 -30 to +80 -30 to +80 -30 to +80 -30 to +80 -30 to +80 -30 to +80 -30 to +80 -30 to +80 -30 to +80 -30 to +80 -30 to +80 -30 to +80 -30 to +80 -30 to +80 -30 to +80 -30 to +80 -30 to +80 2 4 (2 pcs.) 2 4 (2 pcs.) 2 4 (2 pcs.) 2 4 (2 pcs.) 2 4 (2 pcs.) 2 4 (2 pcs.) 2 4 (2 pcs.) 2 4 (2 pcs.) 2 4 (2 pcs.) 35 65 35 65 Contact us for other frequencies or other specifications 3.2 L1 L2 8.0max. 1.45 2.5 ±0.3 3.75 ±0.2 GND 1.5 ±0.3 Package UM-1/8HJ L1 7.8 ±0.2 UM-1/6HJ 5.8 ±0.2 UM-1/4HJ 4.4 ±0.2 L2 11.5 ±0.3 9.7 ±0.3 8.3 ±0.3 H 3.1 ±0.2 3.1 ±0.2 3.1 ±0.2 Package UM-1S/8HJ L1 7.8 ±0.2 UM-1S/6HJ 5.8 ±0.2 UM-1S/4HJ 4.4 ±0.2 L2 11.5 ±0.3 9.7 ±0.3 8.3 ±0.3 H 2.8 ±0.2 2.8 ±0.2 2.8 ±0.2 UM-1/8HJ & UM-1S/8HJ UM-1/6HJ & UM-1S/6HJ UM-1/4HJ & UM-1S/4HJ 2.0 W 2.2 Holder UM-1/8HJ & UM-1S/8HJ W 10.0 UM-1/6HJ & UM-1S/6HJ 8.0 UM-1/4HJ & UM-1S/4HJ 6.6 SOLDERING PATTERN A 12.4 8.2 24.0 11.5 12.0 1.5 0.4 3.3 330 1000pcs Qty/Reel B C D F J L M Reel Dia. 4.0 ±0.1 2.0 ±0.1 +0.1 -0 φ1.5 L B F J M TAPE SPECIFICATIONS for UM-1/8HJ & UM-1S/8HJ A 10.6 8.2 24.0 11.5 12.0 1.5 0.4 3.3 330 1000pcs Qty/Reel B C D F J L M Reel Dia. for UM-1/6HJ & UM-1S/6HJ A 9.2 8.2 16.0 7.5 12.0 1.5 0.4 3.3 330 1000pcs Qty/Reel B C D F J L M Reel Dia. for UM-1/4HJ & UM-1S/4HJ Actual Size Actual Size Actual Size |
Podobny numer części - 45M30B |
|
Podobny opis - 45M30B |