Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FP9302 Arkusz danych(PDF) 1 Page - API Technologies Corp

Numer części FP9302
Szczegółowy opis  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  APITECH [API Technologies Corp]
Strona internetowa  http://www.apitech.com/
Logo APITECH - API Technologies Corp

FP9302 Arkusz danych(HTML) 1 Page - API Technologies Corp

  FP9302 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point........+34 dBm (Typ.)
Second Order Two Tone Intercept Point.........+28 dBm (Typ.)
Third Order Two Tone Intercept Point.............+22 dBm (Typ.)
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Power
Vdc
+15
+15 Max.
m A
21
24 Max.
RF AMPLIFIER
MODEL
TM9302
Available as:
TM9302, 4 Pin TO-8 (T4)
TN9302, 4 Pin Surface Mount (SM3)
FP9302, 4 Pin Flatpack (FP4)
BX9302, Connectorized Housing (H1)
Features
!
!
!
!
! Output Power: +10 dBm Typical
!
!
!
!
! Operating Temp. - 55 ºC to +85 ºC
!
!
!
!
! Environmental Screening Available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
1700 - 2300 MHz
1700 - 2300 MHz
Note: Care should always be taken to effectively ground the case of each unit.
Noise figure (dB)
4.0
5.5 Max.
VSWR
In
1.75:1
2.0:1 Max.
Out
1.5:1
2.0:1 Max.
Reverse
Isolation (dB)
-13
-12 Max.
Power @ 1 dB
Comp. (dBm)
+10
+9 Min.
Gain (dB)
10.5
9 Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ......................................................... + 18 Volts
Continuous RF Input Power ................................. + 10 dBm
Short Term RF Input Power .... 100 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.1 Watt (3
µsec Max.)
05/04/05
Linear S-Parameters
FREQ.
– – – – S11– – – –
– – – – S21– – – –
– – – – S12– – – –
– – – – S22– – – –
MHz
Deg
Mag
Deg
Mag
Deg
Mag
Deg
Mag
=========================================================================================================
1700
1800
1900
2000
2100
2200
2300
.27
.22
.17
.13
.13
.16
.23
33
29
29
43
67
83
86
3.81
3.86
3.90
3.93
3.84
3.69
3.43
.20
.20
.20
.19
.20
.21
.21
- 19
- 21
- 23
- 22
- 21
- 22
- 23
.16
.12
.10
.10
.13
.17
.21
- 11
- 39
- 80
-130
-167
164
140
37
25
13
1
-13
-26
-39
3.0
2.0
1.0
3.0
2.0
1.0
2
6
4
13
11
9
+12
+11
+10
+ 9
+ 8
- 10
- 12
- 14
- 16
- 18
12
10
Start 1700 MHz
Stop 2300 MHz
Start 1700 MHz
Stop 2300 MHz
Start 1700 MHz
Stop 2300 MHz
Start 1700 MHz
Stop 2300 MHz
Start 1700 MHz
Stop 2300 MHz
Start 1700 MHz
Stop 2300 MHz
1.5
2.5
2.5
1.5
3
5
Gain (dB)
1 dB Comp. (dBm)
Reverse Isolation (dB)
Input VSWR
Noise Figure (dB)
Output VSWR
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com


Podobny numer części - FP9302

ProducentNumer częściArkusz danychSzczegółowy opis
logo
API Technologies Corp
FP9311 APITECH-FP9311 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
FP9312 APITECH-FP9312 Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
FP9313 APITECH-FP9313 Datasheet
76Kb / 1P
RF AMPLIFIER MODEL
FP9316 APITECH-FP9316 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
FP9318 APITECH-FP9318 Datasheet
68Kb / 1P
RF AMPLIFIER MODEL
More results

Podobny opis - FP9302

ProducentNumer częściArkusz danychSzczegółowy opis
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com