| Zakładka z wyszukiwarką danych komponentów |
|
SN54LS192J Arkusz danych(PDF) 5 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
SN54LS192J Arkusz danych(HTML) 5 Page - Motorola, Inc |
|
5 / 9 page ![]() 5-355 FAST AND LS TTL DATA SN54/74LS192 • SN54/74LS193 GUARANTEED OPERATING RANGES Symbol Parameter Min Typ Max Unit VCC Supply Voltage 54 74 4.5 4.75 5.0 5.0 5.5 5.25 V TA Operating Ambient Temperature Range 54 74 – 55 0 25 25 125 70 °C IOH Output Current — High 54, 74 – 0.4 mA IOL Output Current — Low 54 74 4.0 8.0 mA DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified) Symbol Parameter Limits Unit Test Conditions Symbol Parameter Min Typ Max Unit Test Conditions VIH Input HIGH Voltage 2.0 V Guaranteed Input HIGH Voltage for All Inputs VIL Input LOW Voltage 54 0.7 V Guaranteed Input LOW Voltage for All Inputs VIL Input LOW Voltage 74 0.8 V Guaranteed Input LOW Voltage for All Inputs VIK Input Clamp Diode Voltage – 0.65 – 1.5 V VCC = MIN, IIN = – 18 mA VOH Output HIGH Voltage 54 2.5 3.5 V VCC = MIN, IOH = MAX, VIN = VIH or VIL per Truth Table VOH Output HIGH Voltage 74 2.7 3.5 V VCC = MIN, IOH = MAX, VIN = VIH or VIL per Truth Table VOL Output LOW Voltage 54, 74 0.25 0.4 V IOL = 4.0 mA VCC = VCC MIN, VIN = VIL or VIH per Truth Table VOL Output LOW Voltage 74 0.35 0.5 V IOL = 8.0 mA VIN = VIL or VIH per Truth Table IIH Input HIGH Current 20 µA VCC = MAX, VIN = 2.7 V IIH Input HIGH Current 0.1 mA VCC = MAX, VIN = 7.0 V IIL Input LOW Current – 0.4 mA VCC = MAX, VIN = 0.4 V IOS Short Circuit Current (Note 1) – 20 – 100 mA VCC = MAX ICC Power Supply Current 34 mA VCC = MAX Note 1: Not more than one output should be shorted at a time, nor for more than 1 second. AC CHARACTERISTICS (TA = 25°C) Symbol Parameter Limits Unit Test Conditions Symbol Parameter Min Typ Max Unit Test Conditions fMAX Maximum Clock Frequency 25 32 MHz VCC = 5.0 V CL = 15 pF tPLH tPHL CPU Input to TCU Output 17 18 26 24 ns VCC = 5.0 V CL = 15 pF tPLH tPHL CPD Input to TCD Output 16 15 24 24 ns VCC = 5.0 V CL = 15 pF tPLH tPHL Clock to Q 27 30 38 47 ns VCC = 5.0 V CL = 15 pF tPLH tPHL PL to Q 24 25 40 40 ns tPHL MR Input to Any Output 23 35 ns |