| Zakładka z wyszukiwarką danych komponentów |
|
SN54LS253 Arkusz danych(PDF) 2 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
SN54LS253 Arkusz danych(HTML) 2 Page - Motorola, Inc |
|
2 / 5 page ![]() 5-417 FAST AND LS TTL DATA SN54/74LS253 LOGIC DIAGRAM E0b I3b I2b I1b I0b S0 S1 I3a I2a I1a I0a E0a Zb Za 14 1 2 6 7 3 4 5 9 11 13 10 12 15 VCC = PIN 16 GND = PIN 8 = PIN NUMBERS FUNCTIONAL DESCRIPTION The LS253 contains two identical 4-Input Multiplexers with 3-state outputs. They select two bits from four sources selected by common select inputs (S0, S1). The 4-input multiplexers have individual Output Enable (E0a, E0b) inputs which when HIGH, forces the outputs to a high impedance (high Z) state. The LS253 is the logic implementation of a 2-pole, 4-position switch, where the position of the switch is deter- mined by the logic levels supplied to the two select inputs. The logic equations for the outputs are shown below: Za = E0a ⋅ (I0a ⋅ S1 ⋅ S0 + I1a ⋅ S1 ⋅ S0 ⋅ I2a ⋅ S1 ⋅ S0 + I3a ⋅ S1 ⋅ S0) Zb = E0b ⋅ (I0b ⋅ S1 ⋅ S0 + I1b ⋅ S1 ⋅ S0 ⋅ I2b ⋅ S1 ⋅ S0 + I3b ⋅ S1 ⋅ S0) If the outputs of 3-state devices are tied together, all but one device must be in the high impedance state to avoid high currents that would exceed the maximum ratings. Designers should ensure that Output Enable signals to 3-state devices whose outputs are tied together are designed so that there is no overlap. TRUTH TABLE SELECT INPUTS DATA INPUTS OUTPUT ENABLE OUTPUT S0 S1 I0 I1 I2 I3 E0 Z X X X X X X H (Z) L L L X X X L L L L H X X X L H H L X L X X L L H L X H X X L H L H X X L X L L L H X X H X L H H H X X X L L L H H X X X H L H H = HIGH Level L = LOW Level X = Irrelevant (Z) = High Impedance (off) Address inputs S0 and S1 are common to both sections. |