| Zakładka z wyszukiwarką danych komponentów |
|
SN74LS248 Arkusz danych(PDF) 5 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
SN74LS248 Arkusz danych(HTML) 5 Page - Motorola, Inc |
|
5 / 8 page ![]() 5-406 FAST AND LS TTL DATA SN54/74LS248 GUARANTEED OPERATING RANGES Symbol Parameter Min Typ Max Unit VCC Supply Voltage 54 74 4.5 4.75 5.0 5.0 5.5 5.25 V TA Operating Ambient Temperature Range 54 74 – 55 0 25 25 125 70 °C IOH Output Current — High BI / RBO 54, 74 – 50 µA OH Output Current — High a – g 54, 74 – 100 IOL Output Current — Low BI / RBO Output Current — Low BI / RBO 54 74 1.6 3.2 mA Output Current — Low a – g Output Current — Low a – g 54 74 2.0 6.0 DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified) Symbol Parameter Limits Unit Test Conditions Symbol Parameter Min Typ Max Unit Test Conditions VIH Input HIGH Voltage 2.0 V Guaranteed Input HIGH Voltage for All Inputs VIL Input LOW Voltage 54 0.7 V Guaranteed Input LOW Voltage for All Inputs VIL Input LOW Voltage 74 0.8 V Guaranteed Input LOW Voltage for All Inputs VIK Input Clamp Diode Voltage – 0.65 – 1.5 V VCC = MIN, IIN = – 18 mA VOH Output HIGH Voltage a – g and BI / RBO 54 2.4 4.2 V VCC = MIN, IOH = MAX, VIN = VIH or VIL per Truth Table VOH Output HIGH Voltage a – g and BI / RBO 74 2.4 4.2 V VCC = MIN, IOH = MAX, VIN = VIH or VIL per Truth Table IOH Output Current a – g 54, 74 – 1.3 – 2.0 mA VCC = MIN, VO = 0.85 V, Input Conditions as for VOH VOL Output LOW Voltage a – g 54, 74 0.25 0.4 V IOL = 2.0 mA VCC = MIN, VIH = 2.0 V, VIL = per Truth Table VOL 74 0.35 0.5 V IOL = 6.0 mA VCC = MIN, VIH = 2.0 V, VIL = per Truth Table VOL BI / RBO 54, 74 0.25 0.4 V IOL = 1.6 mA VIL = per Truth Table 74 0.35 0.5 V IOL = 3.2 mA IIH Input HIGH Current Any Input, except BI / RBO 20 µA VCC = MAX, VIN = 2.7 V IIH Input HIGH Current Any Input, except BI / RBO 0.1 mA VCC = MAX, VIN = 7.0 V IIL Input LOW Current Any Input, except BI / RBO – 0.4 mA VCC = MAX, VIN = 0.4 V IIL BI / RBO – 1.2 mA VCC = MAX, VIN = 0.4 V IOS Short Circuit Current BI / RBO (Note 1) – 0.3 – 2.0 mA VCC = MAX ICC Power Supply Current 25 38 mA VCC = MAX Note 1: Not more than one output should be shorted at a time, nor for more than 1 second. AC CHARACTERISTICS (VCC = 5.0 V, TA = 25°C) Symbol Parameter Limits Unit Test Conditions Symbol Parameter Min Typ Max Unit Test Conditions tPLH tPHL Propagation Delay Time, High-to-Low-Level Output from A Input Propagation Delay Time, Low-to-High-Level Output from A Input 100 100 ns CL = 15 pF RL = 4.0 kΩ tPHL tPLH Propagation Delay Time, High-to-Low-Level Output from RBI Input Propagation Delay Time, Low-to-High-Level Output from RBI Input 100 100 ns CL = 15 pF RL = 6.0 kΩ |