| Zakładka z wyszukiwarką danych komponentów |
|
HCPL-0300 Arkusz danych(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
HCPL-0300 Arkusz danych(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 14 page ![]() 2 Ordering Information HCPL-xxxx is UL Recognized with 3750 Vrms for 1 minute per UL1577 and are approved under CSA Component Ac- ceptance Notice #5, File CA 88324. Part Number Option Package Surface Mount Gull Wing Tape & Reel UL 5000 Vrms/ 1 Minute rating IEC/EN/DIN EN 60747-5-5 Quantity RoHS Compliant non RoHS Compliant HCPL-2300 -000E no option 300 mil DIP-8 50 per tube -300E #300 X X 50 per tube -500E #500 X X X 1000 per reel -060E #060 X 50 per tube -360E #360 X X X 50 per tube -560E #560 X X X X 1000 per reel HCPL-0300 -000E no option SO-8 X 100 per tube -500E #500 X X 1500 per reel To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Combination of Option 020 and Option 060 is not available. Example 1: HCPL-2300-560E to order product of 300 mil DIP Gull Wing Surface Mount package in Tape and Reel packaging with IEC/EN/DIN EN 60747-5-5 Safety Approval and RoHS compliant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. Remarks: The notation ‘#XXX’ is used for existing products, while (new) products launched since July 15, 2001 and RoHS compliant will use ‘–XXXE.’ The output of the shielded integrated detector circuit is an open collector Schottky clamped transistor.The shield, which shunts capacitively coupled common mode noise to ground, provides a guaranteed transient immunity specification of 100 V/µs. The output circuit includes an optional integrated 1000 Ω pull-up resistor for the open collector. This gives designers the flexibility to use the internal resistor for pull-up to five volt logic or to use an external resistor for connection to supply voltages up to 18 V (CMOS logic voltage). The Electrical and Switching Characteristics of the HCPL-2300/HCPL-0300 are guaranteed over a tempera- ture range of -40°C to 85°C. This enables the user to con- fidently design a circuit which will operate under a broad range of operating conditions. Schematic |