| Zakładka z wyszukiwarką danych komponentów |
|
AD8031ARTZ Arkusz danych(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8031ARTZ Arkusz danych(HTML) 4 Page - Analog Devices |
|
4 / 32 page ![]() UG-609 EVAL-AD7903SDZ User Guide Rev. 0 | Page 4 of 32 GETTING STARTED SOFTWARE INSTALLATION PROCEDURES The evaluation board software can be downloaded from the AD7903 product page on the Analog Devices website, at www.analog.com. There are two parts to the installation: • AD7903 evaluation board software installation • EVAL-SDP-CB1Z system demonstration platform board drivers installation Warning The evaluation board software and drivers must be installed before connecting the evaluation board and EVAL-SDP-CB1Z board to the USB port of the PC to ensure that the evaluation system is correctly recognized when it is connected to the PC. Installing the AD7903 Evaluation Board Software To install the AD7903 evaluation board software, 1. Start the Windows operating system and download the software from the AD7903 product page on the Analog Devices website, at www.analog.com. 2. Unzip the downloaded file. 3. Double-click the setup.exe file to begin the evaluation board software installation (see Figure 2). Figure 2. AD7903 Evaluation Board Software Installation: Installation Begins 4. Select the location to install the software, and then click Next. (The default location is C:\Program Files (x86)\ Analog Devices\AD7902_03 Evaluation Software\. This location also contains the executable software and example files.) Figure 3. AD7903 Evaluation Board Software Installation: Selecting the Location for Software Installation (the Default Location Is Shown) 5. A license agreement appears. Read the agreement, and then select I accept the License Agreement and click Next. Figure 4. AD7903 Evaluation Board Software Installation: Accepting the License Agreement |