Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P6KE6V8A Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części P6KE6V8A
Szczegółowy opis  Transil?? transient voltage surge suppressor (TVS)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P6KE6V8A Arkusz danych(HTML) 1 Page - STMicroelectronics

  P6KE6V8A Datasheet HTML 1Page - STMicroelectronics P6KE6V8A Datasheet HTML 2Page - STMicroelectronics P6KE6V8A Datasheet HTML 3Page - STMicroelectronics P6KE6V8A Datasheet HTML 4Page - STMicroelectronics P6KE6V8A Datasheet HTML 5Page - STMicroelectronics P6KE6V8A Datasheet HTML 6Page - STMicroelectronics P6KE6V8A Datasheet HTML 7Page - STMicroelectronics P6KE6V8A Datasheet HTML 8Page - STMicroelectronics P6KE6V8A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This is information on a product in full production.
April 2012
Doc ID 3068 Rev 7
1/9
9
P6KE
Transil™, transient voltage surge suppressor (TVS)
Datasheet
production data
Features
Peak pulse power: 600 W (10/1000 µs )
Stand-off voltage range 6.8 to 440 V
Unidirectional and bidirectional types
Low clamping factor
Fast response time
UL recognized
Complies with the following standards
IEC 61000-4-2 level 4
– 15 kV (air discharge)
– 8 kV (contact discharge)
MIL STD 883G, method 3015-7 Class 3
– HBM (human body model)
Description
Transil diodes provide high overvoltage protection
by clamping action. Their instantaneous response
to transient overvoltages makes them particularly
suited to protect voltage sensitive devices such as
MOS Technology and low voltage supplied IC’s.
TM:Transil is a trademarks of STMicroelectronics.
DO-15
(DO-204AC)
www.st.com


Podobny numer części - P6KE6V8A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
P6KE6V8A STMICROELECTRONICS-P6KE6V8A Datasheet
78Kb / 6P
UNI AND BIDIRECTIONAL TYPES, PEAK PULSEPOWER : 600W
Nov-1998
logo
Diodes Incorporated
P6KE6V8A DIODES-P6KE6V8A Datasheet
69Kb / 4P
600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
logo
Fairchild Semiconductor
P6KE6V8A FAIRCHILD-P6KE6V8A Datasheet
50Kb / 3P
Transient Voltage Suppressors P6KE6V8(C)A - P6KE440(C)A
logo
STMicroelectronics
P6KE6V8A STMICROELECTRONICS-P6KE6V8A Datasheet
96Kb / 6P
TRANSIL
Oct-2004
logo
Diodes Incorporated
P6KE6V8A DIODES-P6KE6V8A Datasheet
77Kb / 4P
600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
More results

Podobny opis - P6KE6V8A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
SM2T STMICROELECTRONICS-SM2T Datasheet
39Kb / 5P
Transient Voltage Suppressor: TRANSIL ?
Apr-2002
ESDA18-1F2 STMICROELECTRONICS-ESDA18-1F2_08 Datasheet
107Kb / 8P
Transil, transient voltage suppressor
18-Apr-2008
P6KE300ARL STMICROELECTRONICS-P6KE300ARL Datasheet
141Kb / 9P
transient voltage surge suppressor (TVS)
26-Apr-2012
LFTVS10-1F3 STMICROELECTRONICS-LFTVS10-1F3 Datasheet
98Kb / 7P
Transil, transient voltage suppressor
21-Nov-2008
P6KE440ARL STMICROELECTRONICS-P6KE440ARL Datasheet
141Kb / 9P
Transil?? transient voltage surge suppressor (TVS)
26-Apr-2012
P6KE18CARL STMICROELECTRONICS-P6KE18CARL Datasheet
141Kb / 9P
Transil?? transient voltage surge suppressor (TVS)
26-Apr-2012
BZW50-18 STMICROELECTRONICS-BZW50-18 Datasheet
124Kb / 8P
Transil, transient voltage surge suppressor (TVS)
14-Dec-2012
BZW50-39BRL STMICROELECTRONICS-BZW50-39BRL Datasheet
124Kb / 8P
Transil?? transient voltage surge suppressor (TVS)
14-Dec-2012
P6KE400ARL STMICROELECTRONICS-P6KE400ARL Datasheet
141Kb / 9P
Transil, transient voltage surge suppressor (TVS)
26-Apr-2012
ESDALC5-1BT2Y STMICROELECTRONICS-ESDALC5-1BT2Y Datasheet
386Kb / 12P
Automotive single-line low capacitance Transil™, transient surge voltage suppressor (TVS) for ESD protection
February 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com