Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NMR Arkusz danych(PDF) 1 Page - C&D Technologies

Numer części NMR
Szczegółowy opis  Isolated 1W Single Output DC-DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CANDD [C&D Technologies]
Strona internetowa  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NMR Arkusz danych(HTML) 1 Page - C&D Technologies

  NMR Datasheet HTML 1Page - C&D Technologies NMR Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SELECTION GUIDE
FEATURES
s
Wide Temperature Performance at
Full 1 Watt Load, –40°C to 85°C
s
Industry Standard Pinout
s
1kVDC Isolation
s
Efficiency to 79%
s
Power Density up to 0.90W/cm3
s
5V & 12V Input
s
5V, 12V & 15V Output
s
Footprint of 1.17cm2
s
UL 94V-0 Package Material
s
No Heatsink Required
s
Internal SMD Construction
s
Toroidal Magnetics
s
Fully Encapsulated
s
No External Components Required
s
MTTF up to 1.6 Million Hours
s
Custom Solutions Available
s
No Electrolytic or Tantalum
Capacitors
DESCRIPTION
The NMR series of industrial temperature
range DC-DC converters are the standard
building blocks for on-board distributed
power systems. They are ideally suited for
providing single rail supplies on primarily
digital boards with the added benefit of
galvanic isolation to reduce switching noise.
Surface mount technology and advanced
packaging materials produce rugged reliable
performance over an extended temperature
range from –40°C to 85°C.
Nominal
Input
Output
Output
Input Current
Voltage
Voltage
Current
at Rated Load
MTTF1
Order Code
(V)
(V)
(mA)
(mA)
(%)
(pF)
kHrs
NMR100
5
5
200
290
69
28
1322
NMR101
5
12
83
260
77
33
235
NMR102
5
15
67
253
79
40
127
NMR106
12
5
200
121
69
36
515
NMR107
12
12
83
110
76
58
184
NMR108
12
15
67
110
76
56
111
When operated with additional external load capacitance the rise time of the input voltage will determine the
maximum external capacitance value for guaranteed start up. The slower the rise time of the input voltage the
greater the maximum value of the additional external capacitance for reliable start up.
Parameter
Conditions
MIN
TYP
MAX
Units
Continuous operation, 5V input types
4.5
5
5.5
Voltage Range
Continuous operation, 12V input types
10.8
12
13.2
V
Reflected Ripple Current
40
60
mA p-p
Parameter
Conditions
MIN
TYP
MAX
Units
Rated Power2
TA= –40°C to 85°C
1.0
W
Voltage Set
Point Accuracy
See tolerance envelope
Line Regulation High V
IN to low V IN
1.0
1.2
%/%
10% load to rated load, 5V output types
12.5
13.4
Load Regulation 10% load to rated load, 12V output types
6.9
7.7
%
10% load to rated load, 15V output types
6.5
7.5
Ripple & Noise BW=DC to 20MHz
30
50
mV p-p
Short-circuit duration3
1 second
Internal power dissipation
550mW
Lead temperature 1.5mm from case for 10 seconds
300°C
Input voltage V
IN, NME05 types
7V
Input voltage V
IN, NME12 types
15V
INPUT CHARACTERISTICS
OUTPUT CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
1 Calculated using MIL-HDBK-217F with nominal input voltage at full load.
2 See derating curve
3 Supply voltage must be discontinued at the end of the short circuit duration.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
NMR SERIES
Isolated 1W Single Output DC-DC Converters
www.dc-dc.com


Podobny numer części - NMR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Power Solutions ...
NMR MURATA-PS-NMR Datasheet
255Kb / 10P
Isolated 1W Single Output DC/DC Converters
NMR MURATA-PS-NMR Datasheet
245Kb / 12P
Isolated 1W Single Output DC-DC Converters
2023
NMR1 MURATA-PS-NMR1 Datasheet
344Kb / 10P
Isolated 1W Single Output DC-DC Converters
2023
logo
Murata Manufacturing Co...
NMR100C MURATA-NMR100C Datasheet
209Kb / 5P
Isolated 1W Single Output DC/DC Converters
logo
Murata Power Solutions ...
NMR100C MURATA-PS-NMR100C Datasheet
255Kb / 10P
Isolated 1W Single Output DC/DC Converters
More results

Podobny opis - NMR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
Isolated 1W Single Output DC/DC Converters
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
Isolated 1W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMR MURATA-NMR_12 Datasheet
209Kb / 5P
Isolated 1W Single Output DC/DC Converters
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B0303XLS-1W MICRODC-B0303XLS-1W Datasheet
1Mb / 4P
Isolated 1W Single Output DC/DC Converters
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
Isolated 1W Single Output DC/DC Converters
B-XN1S MICRODC-B-XN1S Datasheet
497Kb / 5P
Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
1W Isolated Single Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
Isolated 1W Single Output Isolated DC-DC Converters
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com