| Zakładka z wyszukiwarką danych komponentów |
|
AS3430 Arkusz danych(PDF) 23 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3430 Arkusz danych(HTML) 23 Page - ams AG |
|
23 / 51 page ![]() www.austriamicrosystems.com Revision 1.02 23 - 51 AS3400 AS3410 AS3430 1v0 Data Sheet - D e t a i l e d D e s c r i p t i o n Figure 20. OTP Burning Process 8.8 2-Wire-Serial Control Interface There is an I2C slave block implemented to have access to 64 byte of setting information. The I2C address is: Adr_Group8 - audio processors 8Eh_write 8Fh_read 8.8.1 Protocol Table 12. 2-Wire Serial Symbol Definition Symbol Definition RW Note S Start condition after stop R1 bit Sr Repeated start R1 bit DW Device address for write R 1000 1110b (8Eh) DR Device address for read R 1000 1111b (8Fh) WA Word address R8 bit enter “Application Trimm” mode ANC pre burning measurements MAIN_LOCK set? write, burn OTP fuses 30-35h, 16-17h Set MAIN_LOCK and SEQ_LOCK N Y Y N verification OK? leave “Application Trimm” mode Device trimming failed leave “Application Trim” mode ANC post burning measurements Device trimming succeeded Y N verification OK? trimm verification ALT1_LOCK set? MIC trimm #2 write, burn OTP fuses 10-11h Set ALT1_LOCK N Y ALT2_LOCK set? MIC trimm #3 write, burn OTP fuses 12-13h Set ALT2_LOCK N Y ALT3_LOCK set? MIC trimm #4 write, burn OTP fuses 14-15h Set ALT3_LOCK N Y No further MIC trimming possible leave “Application Trimm” mode |